Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M274001-12F1 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części M274001-12F1
Szczegółowy opis  4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M274001-12F1 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button M274001-12F1 Datasheet HTML 4Page - STMicroelectronics M274001-12F1 Datasheet HTML 5Page - STMicroelectronics M274001-12F1 Datasheet HTML 6Page - STMicroelectronics M274001-12F1 Datasheet HTML 7Page - STMicroelectronics M274001-12F1 Datasheet HTML 8Page - STMicroelectronics M274001-12F1 Datasheet HTML 9Page - STMicroelectronics M274001-12F1 Datasheet HTML 10Page - STMicroelectronics M274001-12F1 Datasheet HTML 11Page - STMicroelectronics M274001-12F1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Device operation
M27C4001
8/25
2
Device operation
The operating modes of the M27C4001 are listed in the Operating Modes table. A single
power supply is required in the read mode. All inputs are TTL levels except for VPP and 12V
on A9 for Electronic Signature.
2.1
Read Mode
The M27C4001 has two control functions, both of which must be logically active in order to
obtain data at the outputs. Chip Enable (E) is the power control and should be used for
device selection. Output Enable (G) is the output control and should be used to gate data to
the output pins, independent of device selection. Assuming that the addresses are stable,
the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is
available at the output after a delay of tGLQV from the falling edge of G, assuming that E has
been low and the addresses have been stable for at least tAVQV-tGLQV.
2.2
Standby Mode
The M27C4001 has a standby mode which reduces the supply current from 30mA to 100
µA.
The M27C4001 is placed in the standby mode by applying a CMOS high signal to the E
input. When in the standby mode, the outputs are in a high impedance state, independent of
the G input.
2.3
Two Line Output Control
Because EPROMs are usually used in larger memory arrays, this product features a 2 line
control function which accommodates the use of multiple memory connection. The two line
control function allows:
a)
the lowest possible memory power dissipation,
b)
complete assurance that output bus contention will not occur.
For the most efficient use of these two control lines, E should be decoded and used as the
primary device selecting function, while G should be made a common connection to all
devices in the array and connected to the READ line from the system control bus. This
ensures that all deselected memory devices are in their low power standby mode and that
the output pins are only active when data is required from a particular memory device.
Obsolete
Product(s)
- Obsolete
Product(s)


Podobny numer części - M274001-12F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTRONPTI
M274FAN MTRONPTI-M274FAN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FAN MTRONPTI-M274FAN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FGN MTRONPTI-M274FGN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
More results

Podobny opis - M274001-12F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
   4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
August 2008 Rev 3
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
   4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
   4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com