Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M274001-55XB1 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części M274001-55XB1
Szczegółowy opis  4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M274001-55XB1 Arkusz danych(HTML) 5 Page - STMicroelectronics

  M274001-55XB1 Datasheet HTML 1Page - STMicroelectronics M274001-55XB1 Datasheet HTML 2Page - STMicroelectronics M274001-55XB1 Datasheet HTML 3Page - STMicroelectronics M274001-55XB1 Datasheet HTML 4Page - STMicroelectronics M274001-55XB1 Datasheet HTML 5Page - STMicroelectronics M274001-55XB1 Datasheet HTML 6Page - STMicroelectronics M274001-55XB1 Datasheet HTML 7Page - STMicroelectronics M274001-55XB1 Datasheet HTML 8Page - STMicroelectronics M274001-55XB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M27C4001
Summary description
5/25
1
Summary description
The M27C4001 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited for microprocessor systems requiring
large programs and is organised as 524,288 by 8 bits.
The FDIP32W (window ceramic frit-seal package) has a transparent lid which allows the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M27C4001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages.
In order to meet environmental requirements, ST offers the M27C4001 in ECOPACK®
packages.
ECOPACK packages are Lead-free. The category of second Level Interconnect is marked
on the package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic Diagram
Table 1.
Signal names
A0-A18
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
AI00721B
19
A0-A18
Q0-Q7
VPP
VCC
M27C4001
VSS
8
G
E
Obsolete
Product(s)
- Obsolete
Product(s)


Podobny numer części - M274001-55XB1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTRONPTI
M274FAN MTRONPTI-M274FAN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FAN MTRONPTI-M274FAN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FGN MTRONPTI-M274FGN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
More results

Podobny opis - M274001-55XB1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
   4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
August 2008 Rev 3
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
   4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
   4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com