Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VZ32D751K Arkusz danych(PDF) 9 Page - World Produts Inc.

Numer części VZ32D751K
Szczegółowy opis  Metal Oxide Varistors
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WPI [World Produts Inc.]
Strona internetowa  http://www.worldproducts.com
Logo WPI - World Produts Inc.

VZ32D751K Arkusz danych(HTML) 9 Page - World Produts Inc.

Back Button VZ32D751K Datasheet HTML 5Page - World Produts Inc. VZ32D751K Datasheet HTML 6Page - World Produts Inc. VZ32D751K Datasheet HTML 7Page - World Produts Inc. VZ32D751K Datasheet HTML 8Page - World Produts Inc. VZ32D751K Datasheet HTML 9Page - World Produts Inc. VZ32D751K Datasheet HTML 10Page - World Produts Inc. VZ32D751K Datasheet HTML 11Page - World Produts Inc. VZ32D751K Datasheet HTML 12Page - World Produts Inc. VZ32D751K Datasheet HTML 13Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 7
Disk
Size
A max
D max
S
W nom
C
L
Dimension
E max and a
mm
mm
in
mm
in
mm
± 1
in
± .04
mm
± .02
in
± .001
mm
in
For other
than standard
(straight lead)
lead length,
please see
Definitions,
“Part Number
System”
“(9) Lead
Cutting”
for specs and
suffix codes .
Please see
E Maximum
Thickness
and
Off-set (a)
Dimension
by
Part Number
(Next Page)
5
10 .0
0 .4
+
7 .0
+
0 .28
5 .0
0 .2
0 .6
0 .024
1 .6 ± 0 .4
0 .06 ± 0 .016
7
12 .0
0 .47
9 .5
0 .37
5 .0
0 .2
0 .6
0 .024
1 .6 ± 0 .4
0 .06 ± 0 .016
10
17 .0
0 .67
12 .5
0 .49
7 .5
0 .3
0 .8
0 .031
1 .6 ± 0 .4
0 .06 ± 0 .016
14
20 .5
0 .8
16 .5
0 .65
7 .5
0 .3
0 .8
0 .031
1 .6 ± 0 .4
0 .06 ± 0 .016
18
24 .0
0 .94
20 .0
0 .79
7 .5
0 .3
0 .8
0 .031
2 .05 ± 0 .4
0 .08 ± 0 .016
18*
24 .0
0 .94
20 .0
0 .79
10 .0
0 .4
1 .0
0 .039
2 .05 ± 0 .4
0 .08 ± 0 .016
20
28 .0
1 .10
24 .0
0 .94
7 .5
0 .3
0 .8
0 .031
2 .05 ± 0 .4
0 .08 ± 0 .016
20*
28 .0
1 .10
24 .0
0 .94
10 .0
0 .4
1 .0
0 .039
2 .05 ± 0 .4
0 .08 ± 0 .016
25
31 .75
1 .25
27 .9
1 .10
12 .7
0 .5
1 .0
0 .039
2 .05 ± 0 .4
0 .08 ± 0 .016
25R
34 .5
1 .35
29 .0
1 .14
12 .7 ± 1
0 .5
1 .0 ± 0 .2 0 .040
20 .0
32KW
(wire lead) 45 .0
1 .77
40 .0
1 .57
22 .5
± 1 .5
0 .9
± 0 .059 1 .5 ±0 .5
0 .06
±0 .02
For other than
standard (straight
lead) lead length,
please see
Definitions,
“Part Number
System”
“(9) Lead
Cutting”
for specs and
suffix codes .
Notes:
1. Maximum epoxy extending on leads (measured from bottom most portion of disk) is 3mm for all disk sizes with exception of 20mm, 25mm and
32mm disk sizes which are 4mm .
2 . Reduced dimensions, special lead diameters and special lead spacing may be avaliable upon request .
3 . Bulk parts for 320VAC and larger come standard with inline crimp (as referenced above) for straight disk seating on PC boards . If 320VAC and
larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” off-set
dimensions .
4 . The maximum straight lead length avaliable for 5mm leadspacing is 40mm max, 7.5mm leadspacing is 32mm max, 10mm leadspacing is 35mm max .
Straight Leads
Inward Crimp
Outward Crimp
Standard Dimensions and Lead Modification Options
+
Dmax for Phenolic “P” Type is 8mm ( .31”) .
* For 10mm lead spacing use suffix “X” for bulk parts (18mm and 20mm disk diameter)
S
A max
W
L
Seating
Plane
C
L
3 .0mm (0 .12") max
W
S
Seating
Plane
C
L
S
3 .0mm (0 .12") max
W
L
3.0mm
(0.12") max
Seating
Plane
E max
a
Inline Crimp
25R Series
D
Dimensions of Bare Disk
Disk Size
D
20mm
20 .0±1.0mm
25mm
25 .0±1.0mm
A max
W
S
L
a


Podobny numer części - VZ32D751K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
VZ3 SCHNEIDER-VZ3 Datasheet
118Kb / 3P
   TeSys VARIO - additional pole - 63 A - for V3
Jun 22, 2022
VZ3V1204 SCHNEIDER-VZ3V1204 Datasheet
79Kb / 1P
   fan for variable speed drive
VZ3V1302 SCHNEIDER-VZ3V1302 Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
VZ3V303S2001 SCHNEIDER-VZ3V303S2001 Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
VZ3V303S3001 SCHNEIDER-VZ3V303S3001 Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
More results

Podobny opis - VZ32D751K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com