Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT7820-15PH Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części SN74ABT7820-15PH
Szczegółowy opis  STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7820-15PH Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SN74ABT7820-15PH Datasheet HTML 7Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 8Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 9Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 10Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 11Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 12Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 13Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 14Page - Texas Instruments SN74ABT7820-15PH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SN74ABT7820
512
× 18 × 2
STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS206D – AUGUST 1991 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
–1.2
V
VCC = 4.5 V,
IOH = – 3 mA
2.5
VOH
VCC = 5 V,
IOH = – 3 mA
3
V
VCC = 4.5 V,
IOH = – 12 mA
2
VOL
VCC = 4.5 V,
IOL = 24 mA
0.55
V
II
VCC = 5.5 V,
VI = VCC or GND
±5
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
–50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–40
–100
–180
mA
Outputs high
15
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND Outputs low
95
mA
Outputs disabled
15
Ci
Control inputs
VI = 2.5 V or 0.5 V
6
pF
Co
Flags
VO = 2.5 V or 0.5 V
4
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 2 through 4)
’ABT7820-15
’ABT7820-20
’ABT7820-25
’ABT7820-30
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
67
50
40
33
MHz
LDCKA, LDCKB high
4
6
9
11
Pl
LDCKA, LDCKB low
4
6
9
11
tw
Pulse
duration
UNCKA, UNCKB high
4
6
9
11
ns
duration
UNCKA, UNCKB low
4
6
9
11
RSTA, RSTB low
6
8
10
12
A0 – A17 before LDCKA
↑ and
B0 – B17 before LDCKB
3
4
4
4
tsu
Setup time
PENA before LDCKA
↑ and
PENB before LDCKB
5
5
5
5
ns
LDCKA inactive before RSTA high
and LDCKB inactive before RSTB high
3
3
4
4
A0 – A17 after LDCKA
↑ and
B0 – B17 after LDCKB
0
0
0
0
th
Hold time
PENA after LDCKA low and
PENB after LDCKB low
2
2
2
2
ns
LDCKA inactive after RSTA high and
LDCKB inactive after RSTB high
3
3
4
4


Podobny numer części - SN74ABT7820-15PH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820PH TI-SN74ABT7820PH Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820PN TI-SN74ABT7820PN Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Podobny opis - SN74ABT7820-15PH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com