Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT7820-15PN Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74ABT7820-15PN
Szczegółowy opis  STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7820-15PN Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ABT7820-15PN Datasheet HTML 1Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 2Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 3Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 4Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 5Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 6Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 7Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 8Page - Texas Instruments SN74ABT7820-15PN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN74ABT7820
512
× 18 × 2
STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS206D – AUGUST 1991 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Advanced BiCMOS Technology
D Independent Asynchronous Inputs and
Outputs
D Two Separate 512 × 18 FIFOs Buffering
Data in Opposite Directions
D Programmable Almost-Full/Almost-Empty
Flags
D Empty, Full, and Half-Full Flags
D Fast Access Times of 12 ns With a 50-pF
Load and Simultaneous Switching Data
Outputs
D Supports Clock Rates up to 67 MHz
D Package Options Include 80-Pin Quad Flat
(PH) and 80-Pin Thin Quad Flat (PN)
Packages
24
65
40
25
41
64
1
RSTA
PENA
AF/AEA
HFA
FULLA
GND
A0
A1
VCC
A2
A3
GND
A4
A5
GND
A6
A7
GND
A8
A9
VCC
A10
A11
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
26 27 28 29 30 31 32 33 34 35 36 37 38 39
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
PH PACKAGE
(TOP VIEW)
RSTB
PENB
AF/AEB
HFB
FULLB
GND
B0
B1
VCC
B2
B3
GND
B4
B5
GND
B6
B7
GND
B8
B9
VCC
B10
B11
GND
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments Incorporated.


Podobny numer części - SN74ABT7820-15PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820PH TI-SN74ABT7820PH Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820PN TI-SN74ABT7820PN Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Podobny opis - SN74ABT7820-15PN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
[Old version datasheet]   2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com