Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT7820-30PH Arkusz danych(PDF) 10 Page - Texas Instruments |
|
SN74ABT7820-30PH Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 18 page SN74ABT7820 512 × 18 × 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS206D – AUGUST 1991 – REVISED APRIL 1998 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage range, VCC – 0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) – 0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state or power-off state, VO – 0.5 V to 5.5 V . . . . . . . . . . . . . . Current into any output in the low state, IO 48 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) – 18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) – 50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): PH package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PN package 62 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VI Input voltage 0 VCC V IOH High-level output current –12 mA IOL Low-level output current 24 mA ∆t/∆v Input transition rise or fall rate 5 ns / V TA Operating free-air temperature 0 70 °C |
Podobny numer części - SN74ABT7820-30PH |
|
Podobny opis - SN74ABT7820-30PH |