Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMT8301T46L Arkusz danych(PDF) 4 Page - ANADIGICS, Inc

Numer części AMT8301T46L
Szczegółowy opis  2.125Gb/s Integrated 850nm MSM-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANADIGICS [ANADIGICS, Inc]
Strona internetowa  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8301T46L Arkusz danych(HTML) 4 Page - ANADIGICS, Inc

  AMT8301T46L Datasheet HTML 1Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 2Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 3Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 4Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 5Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 6Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 7Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 8Page - ANADIGICS, Inc AMT8301T46L Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AMT8301
Data Sheet - Revision 0
03/01
Figure 5: Supply Current vs. Temperature
Figure 6: Bandwidth vs. Temperature
Figure 7: Differential Responsivity vs.
Temperature
Figure 8: Sensitivity vs. Temperature
25.0
30.0
35.0
40.0
45.0
50.0
0
2040
6080
100
Case Temperature (C)
3V
3.3V
3.6V
1000
1200
1400
1600
1800
2000
2200
2400
0
20406080
100
Case Temperature (C)
3V
3.3V
3.6V
900
1000
1100
1200
1300
1400
1500
0
2040
6080
100
Case Temperature (C)
3V
3.3V
3.6V
-22.00
-21.50
-21.00
-20.50
-20.00
-19.50
-19.00
-18.50
-18.00
0
20
406080
100
Case Temperature (C)
3V
3.3V
3.6V


Podobny numer części - AMT8301T46L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ANADIGICS, Inc
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8302T56F ANADIGICS-AMT8302T56F Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8304T46F ANADIGICS-AMT8304T46F Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8304T46L ANADIGICS-AMT8304T46L Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
More results

Podobny opis - AMT8301T46L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ANADIGICS, Inc
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
   1.25 Gb/s Integrated 850nm MSM-TIA
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com