Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC2LG Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części BC2LG
Szczegółowy opis  Miniature Case
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BC2LG Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  BC2LG Datasheet HTML 1Page - List of Unclassifed Manufacturers BC2LG Datasheet HTML 2Page - List of Unclassifed Manufacturers BC2LG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Miniature Case
BC2 Series
Page <2>
09/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Properties
Test Method
Unit
Impact Resistant Grades
103
Izod Impact
Strength +23°C
-20°C
ISO 180/3A ASTM D256/A
kJ / m2
17
11
Tensile Strength at Yield
ISO R527 ASTM D638
N / mm2
50
Elongation at Yield
ISO R527 ASTM D638
%
6
Flexural Strength
ISO 178 ASTM D790
N / mm2
87
Rockwell Hardness
ISO 2039/2 ASTM D785
R Scale
112
Heat Deflection Temperature
Unannealed
Annealed
ISO 75/A ASTM D648
°C
90
97
Vicat Softening Temperature
ISO 306/B ASTM D1525
°C
97
ABS Polymers Specification
Acrylonitrile-Butadiene-Styrene
Dimensions : Millimetres


Podobny numer części - BC2LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
BC2 COOPER-BC2 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
logo
Turck, Inc.
BC20-K40SR-FDZ3X2W TURCK-BC20-K40SR-FDZ3X2W Datasheet
327Kb / 3P
   Capacitive sensor
BC20-K40WDTC-VP4X2 TURCK-BC20-K40WDTC-VP4X2 Datasheet
352Kb / 3P
   Capacitive sensor For the food industry
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
   Capacitive sensor
BC20-Q20-AN4X2/S400 TURCK-BC20-Q20-AN4X2/S400 Datasheet
212Kb / 2P
   Capacitive sensor
More results

Podobny opis - BC2LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Cooper Bussmann, Inc.
UP2C-R47-R COOPER-UP2C-R47-R Datasheet
146Kb / 2P
   Miniature surface mount design with rugged case to eliminate core breakage
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
   Case - THERMOMARK GO CASE
logo
Vishay Siliconix
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
logo
CTS Corporation
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com