Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC2LG Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części BC2LG
Szczegółowy opis  Miniature Case
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BC2LG Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  BC2LG Datasheet HTML 1Page - List of Unclassifed Manufacturers BC2LG Datasheet HTML 2Page - List of Unclassifed Manufacturers BC2LG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specification Table
Colour
External Dimensions
Part Number
Length (L)
Width (W)
Height (H)
Maximum PCB Size
Black
103
62
23
64 × 56
BC2
Grey (RAL9002)
BC2LG
White
BC2W
Miniature Case
BC2 Series
Page <3>
09/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Properties
Test Method
Unit
Impact Resistant Grades
103
Density
ISO R1183 ASTM D792/A
kg / m3
1,050
Melt Flow Index
ISO 1133 ASTM D1238
dg / min
13
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres


Podobny numer części - BC2LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
BC2 COOPER-BC2 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
logo
Turck, Inc.
BC20-CP40-FZ3X2/S10 TURCK-BC20-CP40-FZ3X2/S10 Datasheet
133Kb / 2P
   Capacitive Sensor
11/07/2023
BC20-CP40-VN4X2/S10 TURCK-BC20-CP40-VN4X2/S10 Datasheet
129Kb / 2P
   Capacitive Sensor
11/07/2023
BC20-CP40-VP4X2/S10 TURCK-BC20-CP40-VP4X2/S10 Datasheet
130Kb / 2P
   Capacitive Sensor
11/07/2023
BC20-K40SR-FDZ3X2 TURCK-BC20-K40SR-FDZ3X2 Datasheet
285Kb / 2P
   Capacitive Sensor
11/07/2023
More results

Podobny opis - BC2LG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Cooper Bussmann, Inc.
UP2C-R47-R COOPER-UP2C-R47-R Datasheet
146Kb / 2P
   Miniature surface mount design with rugged case to eliminate core breakage
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
   Case - THERMOMARK GO CASE
logo
Vishay Siliconix
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
logo
CTS Corporation
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com