Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP100NA250 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TMP100NA250
Szczegółowy opis  Digital Temperature Sensor with I2C Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP100NA250 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TMP100NA250 Datasheet HTML 6Page - Texas Instruments TMP100NA250 Datasheet HTML 7Page - Texas Instruments TMP100NA250 Datasheet HTML 8Page - Texas Instruments TMP100NA250 Datasheet HTML 9Page - Texas Instruments TMP100NA250 Datasheet HTML 10Page - Texas Instruments TMP100NA250 Datasheet HTML 11Page - Texas Instruments TMP100NA250 Datasheet HTML 12Page - Texas Instruments TMP100NA250 Datasheet HTML 13Page - Texas Instruments TMP100NA250 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
www.ti.com
10
TIMING DIAGRAMS
The TMP100 and TMP101 are I2C and SMBus
compatible. Figure 5 to Figure 8 describe the various
operations on the TMP100 and TMP101. Bus definitions
are given below. Parameters for Figure 5 are defined in
Table 13.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line,
from HIGH to LOW, while the SCL line is HIGH, defines a
START condition. Each data transfer is initiated with a
START condition.
Stop Data Transfer: A change in the state of the SDA line
from LOW to HIGH while the SCL line is HIGH defines a
STOP condition. Each data transfer is terminated with a
repeated START or STOP condition.
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not limited and
is determined by the master device. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed,
is obliged to generate an Acknowledge bit. A device that
acknowledges must pull down the SDA line during the
Acknowledge clock pulse in such a way that the SDA line
is stable LOW during the HIGH period of the Acknowledge
clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data
transfer can be signaled by the master generating a
Not-Acknowledge on the last byte that has been
transmitted by the slave.
Table 13. Timing Diagram Definitions
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCLK Operating Frequency
f(SCLK)
0.4
3.4
MHz
Bus Free TIme Between STOP and START Conditions
t(BUF)
600
160
ns
Hold time after repeated START condition.
After this period, the first clock is generated.
t(HDSTA)
600
160
ns
Repeated START Condition Setup Time
t(SUSTA)
600
160
ns
STOP Condition Setup Time
t(SUSTO)
600
160
ns
Data HOLD Time
t(HDDAT)
0
0
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCLK Clock LOW Period
t(LOW)
1300
160
ns
SCLK Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
tR
300
160
ns
for SCLK
≤ 100kHz
tR
1000
ns


Podobny numer części - TMP100NA250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP100NA TI-TMP100NA Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100NA TI-TMP100NA Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100NA/250 TI-TMP100NA/250 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100NA/250 TI-TMP100NA/250 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100NA/250G4 TI-TMP100NA/250G4 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Podobny opis - TMP100NA250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com