Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP141AIDGKT Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP141AIDGKT
Szczegółowy opis  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDGKT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TMP141AIDGKT Datasheet HTML 5Page - Texas Instruments TMP141AIDGKT Datasheet HTML 6Page - Texas Instruments TMP141AIDGKT Datasheet HTML 7Page - Texas Instruments TMP141AIDGKT Datasheet HTML 8Page - Texas Instruments TMP141AIDGKT Datasheet HTML 9Page - Texas Instruments TMP141AIDGKT Datasheet HTML 10Page - Texas Instruments TMP141AIDGKT Datasheet HTML 11Page - Texas Instruments TMP141AIDGKT Datasheet HTML 12Page - Texas Instruments TMP141AIDGKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
9
Read and Write Transactions
A complete Read transmission consists of a Start Bit, the device number, the Register Number, R/W = 1, the data bits, an
even parity bit, and an Acknowledge bit. The most significant bit is sent first.
Read Transaction
START
DEVICE NUMBER
REGISTER NUMBER
R/W
8 or 16 DATA BITS
EP
ACK
M
M
M
M
M
M
M
M
M
M
M
S
… S
S
M
A complete Write transmission consists of a Start Bit, the device number, the Register Number, R/W = 0, the data bits, an
even parity bit, and an Acknowledge bit.
Write Transaction
START
DEVICE NUMBER
REGISTER NUMBER
R/W
8 or 16 DATA BITS
EP
ACK
M
M
M
M
M
M
M
M
M
M
M
M
… M
M
S
M indicates that the bit is initiated and controlled by the master. S indicates that the bit is initiated by the master but controlled
by the slave; if the data is a ‘1’, the slave lengthens the time that the bus is held low to signal a ‘1’.
The device number is three bits long. Device number 0 is reserved for a broadcast to all devices, leaving address space
for seven slaves.
The Register Number is six bits long.
The R/W is a ‘1’ for a read operation. The R/W bit is a ‘0’ for a write operation.
All data bits are started by the master pulling the bus low. The TMP141 will detect the bus being low within time tSFEdet.
If it is a read transaction and the TMP141 needs to send a ‘1’ for that bit period, it will hold the bus low for time tSLout1.
In a Write operation, the data bits and parity are sent by the master. In a Read operation, the data bits and parity are sent
by the TMP141. Data length is eight bits for registers 0, 4, and 20h. All other registers are 16 bits long. The number of bits
transmitted or received depends on the length of the register: 8 bits for an 8-bit register and 16 bits for a 16-bit register.
Even parity (EP) is used on the SensorPath. The parity calculation includes all bits after the Start Bit, up to and including
the parity bit. Thus, the parity calculation includes the device number, the Register Number, R/W, the data bits, and the
parity bit. In a Write operation, the TMP141 checks the parity sent by the master before generating the Acknowledge bit.
The Acknowledge bit is sent by the receiving unit. In a Write operation, the Acknowledge bit will come from the TMP141.
In a Read operation, the master generates the Acknowledge bit.
ACKNOWLEDGE Bit Definition:
1: A complete data transmission was completed without a parity error.
0: An error was detected. (BER in the Status Register will be set. An Attention Request will be generated.)


Podobny numer części - TMP141AIDGKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP141AIDGKT TI-TMP141AIDGKT Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
More results

Podobny opis - TMP141AIDGKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
   Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com