Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0103PWPR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA0103PWPR
Szczegółowy opis  1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA0103PWPR Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA0103PWPR Datasheet HTML 1Page - Texas Instruments TPA0103PWPR Datasheet HTML 2Page - Texas Instruments TPA0103PWPR Datasheet HTML 3Page - Texas Instruments TPA0103PWPR Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 4 page
background image
TPA0103
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
SLOS167A – JULY 1997 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%,
BTL,
Center channel
1.75
W
PO
Output power (each channel) (see Note 2)
THD = 1%,
BTL,
Center channel
2.1
W
PO
Output power (each channel) (see Note 2)
THD = 0.2%,
SE,
L/R channels
535
mW
THD = 1%,
SE,
L/R channels
575
mW
THD+N
Total harmonic distortion plus noise
Po = 1.5 W,
f = 20 to 20 kHz
0.25%
BOM
Maximum output power bandwidth
G = 10,
THD < 5 %
>20
kHz
Phase margin
Open loop
85
°
f=1kHz
Center channel
80
Supply ripple rejection ratio
f = 1 kHz
L/R channels
58
dB
Supply ripple rejection ratio
f=20
20kHz
Center channel
60
dB
f = 20 – 20 kHz
L/R channels
30
Mute attenuation
85
dB
Channel-to-channel output separation
f = 1 kHz
95
dB
Line/HP input separation
100
dB
ZI
Input impedance
2
M
Signal to noise ratio
VO = 1 V(rms)
BTL,
Center channel
94
dB
Signal-to-noise ratio
VO = 1 V(rms)
SE,
L/R channels
100
dB
V
Output noise voltage
BTL,
Center channel
20
µV(rms)
Vn
Output noise voltage
SE,
L/R channels
9
µV(rms)
NOTE 2: Output power is measured at the output terminals of the IC at 1 kHz.
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%
BTL,
Center channel
800
PO
Output power (each channel) (see Note 2)
THD = 1%
BTL,
Center channel
850
mW
PO
Output power (each channel) (see Note 2)
THD = 0.2%,
SE,
L/R channels
215
mW
THD = 1%,
SE,
L/R channels
235
THD+N
Total harmonic distortion plus noise
Po = 750 mW,
f = 20 to 20 kHz
0.8%
BOM
Maximum output power bandwidth
G = 10,
THD < 5 %
>20
kHz
Phase margin
Open loop
85
°
f=1kHz
Center channel
70
Supply ripple rejection ratio
f = 1 kHz
L/R channels
62
dB
Supply ripple rejection ratio
f=20
20kHz
Center channel
55
dB
f = 20 – 20 kHz
L/R channels
30
Mute attenuation
85
dB
Channel-to-channel output separation
f = 1 kHz
95
dB
Line/HP input separation
100
dB
ZI
Input impedance
2
M
Signal to noise ratio
VO = 1 V(rms)
BTL,
Center channel
93
dB
Signal-to-noise ratio
VO = 1 V(rms)
SE,
L/R channels
100
dB
V
Output noise voltage
BTL,
Center channel
21
µV(rms)
Vn
Output noise voltage
SE,
L/R channels
10
µV(rms)
NOTE 2: Output power is measured at the output terminals of the IC at 1 kHz.


Podobny numer części - TPA0103PWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0103PWPR TI-TPA0103PWPR Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA0103PWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3011 UTC-PA3011_15 Datasheet
256Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com