Zakładka z wyszukiwarką danych komponentów |
|
LM317H Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
LM317H Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 40 page LM117, LM317A, LM317-N SNVS774O – MAY 2004 – REVISED JANUARY 2014 www.ti.com ABSOLUTE MAXIMUM RATINGS (1) (2) Power Dissipation Internally Limited Input-Output Voltage Differential +40V, −0.3V Storage Temperature −65°C to +150°C Lead Temperature Metal Package (Soldering, 10 seconds) 300°C Plastic Package (Soldering, 4 seconds) 260°C ESD Tolerance (3) 3 kV (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) Human body model, 100 pF discharged through a 1.5 k Ω resistor. OPERATING TEMPERATURE RANGE LM117 −55°C ≤ TJ ≤ +150°C LM317A −40°C ≤ TJ ≤ +125°C LM317-N 0°C ≤ TJ ≤ +125°C Preconditioning Thermal Limit Burn-In All Devices 100% 4 Submit Documentation Feedback Copyright © 2004–2014, Texas Instruments Incorporated Product Folder Links: LM117 LM317A LM317-N |
Podobny numer części - LM317H |
|
Podobny opis - LM317H |