Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LZC-00CW00 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części LZC-00CW00
Szczegółowy opis  High Luminous Efficacy Cool White LED Emitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LZC-00CW00 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LZC-00CW00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 9Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 10Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 11Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LedEngin, Inc.
9
LZC-00CW40 (01/12/10)
60
70
80
90
100
110
120
0
204060
80
100
Case Temperature (°C)
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
IF - Forward Current (mA)
Typical Relative Light Output
Figure 7: Typical relative light output vs. forward current @ TC = 25°C.
Notes for Figure 7:
1.
Luminous Flux typical value is for all 12 LED dice operating concurrently at rated current.
Typical Relative Light Output over Temperature
Figure 8: Typical relative light output vs. case temperature.
Notes for Figure 8:
1.
Luminous Flux typical value is for all 12 LED dice operating concurrently at rated current.


Podobny numer części - LZC-00CW00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Accelerometer...
LZC1 HONEYWELL-ACC-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZC1 ETC1-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Podobny opis - LZC-00CW00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
   High efficacy 2016 EMC white LED
Rev. 1.0
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
   5mm Round Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
   3mm Tower Cool White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com