Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC9377 Arkusz danych(PDF) 3 Page - API Technologies Corp

Numer części DAC9377
Szczegółowy opis  Complete Buffered 16-Bit DAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APITECH [API Technologies Corp]
Strona internetowa  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC9377 Arkusz danych(HTML) 3 Page - API Technologies Corp

  DAC9377 Datasheet HTML 1Page - API Technologies Corp DAC9377 Datasheet HTML 2Page - API Technologies Corp DAC9377 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORM A TION
M ODEL
DESCRIPTION
DA C9377-16-6
16-Bit DA C with 16-bit linearity
DA C9377-16-5
16-Bit DA C with 15-bit linearity
DA C9377.16-4
16-Bit DA C with 14-bit linearity
DA C9377-4D
16-Bit 4 Decade BCD
Specifications subject to change without notice.
1.310
(33.274)
M A X
0.80
(20.321)
M A X
0.165
(4.191)
M A X
0.205
(5.21)
M IN
0.600 ± 0.010
(15.24 ± 0.25)
0.025 + 0.010
(0.64 + 0.25)
0.010 + 0.002 – 0.001
(0.25 + 0.005 – 0.003)
DIM ENSIONS
inches
(mm)
0.100 ±0.005
(2.54 ±0.13)
0.018 ±0.002
(0.46 ±0.05)
TY P
PIN (1) INDEX
24
13
1
12
PIN
1
2
3
4
5
6
7
8
9
10
11
12
PIN
24
23
22
21
20
19
18
17
16
15
14
13
FUNCTION
FUNCTION
Binary
BCD
Binary
BCD
2– 8
(100)
2– 7
(200)
2– 6
(400)
2– 5
(800)
2– 4
(1000)
2– 3
(2000)
2– 2
(4000)
2– 1
(8000)
SUM M ING JUNCTION
OUT
BIPOLA R
N/C
+15V
2– 9
(80)
2– 10
(40)
2– 11
(20)
2– 12
(10)
2– 13
(8)
2– 14
(4)
2– 15
(2)
2– 16
(1)
LA TCH CONTROL
-15V
GA IN A DJUST
GND
Note on BCD pin 11 must have no connection
TEM PERA TURE RA NGE
Operating
0ºCto+70ºC
Storage
–25ºCto +85ºC
M ECHA NICA L
Case Style
24 pin. double-DIP
Case Dimensions
NOTES:
* Same as DA C9377-16-6
1. Digital input voltage must not exceed supply voltage or go below –0.5V ;
2. Time. data must be stable before latch control goes to “ 0” .
3. Time, data must be stable after latch control goes to “ 0” .
4. See A PPLICA TIONS INFORM A TION for calibration procedure.
5. See A PPLICA TIONS NOTES.
6. Integral Linearity, for this product, is measured as the arithmetic mean value of the magnitudes of the greatest positive deviation and the
greatest negative deviation from the theoretical value for any given input combination.
7. Differential Linearity is the deviation of an output step from the theoretical value of 1 LSB for any two adjacent digital input codes.
Pin Connections
Unipolar Output: Ground pin 11 (No Connection for BCD)
Bipolar OutPut: Connect pin 11 to pin 9 (Binary Only)
PIN DESIGNA TIONS
Consult factory for application information.
DAC9377


Podobny numer części - DAC9377

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
DAC9331-14 APITECH-DAC9331-14 Datasheet
2Mb / 2P
   14-Bit Multiplying DAC
DAC9331-14-2 APITECH-DAC9331-14-2 Datasheet
2Mb / 2P
   14-Bit Multiplying DAC
DAC9331-16 APITECH-DAC9331-16 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
DAC9331-16-4 APITECH-DAC9331-16-4 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
DAC9331-16-4 APITECH-DAC9331-16-4 Datasheet
2Mb / 2P
   14, 15, and 16-Bit Linearity, Latched MDACs
More results

Podobny opis - DAC9377

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
DAC161S055 TI-DAC161S055_13 Datasheet
918Kb / 27P
[Old version datasheet]   DAC161S055 Precision 16-Bit, Buffered Voltage-Output DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com