Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSB50450AS Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FSB50450AS
Szczegółowy opis  FSB50450AS Motion SPM짰 5 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450AS Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FSB50450AS Datasheet HTML 1Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 2Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 3Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 4Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 5Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 6Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 7Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 8Page - Fairchild Semiconductor FSB50450AS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FSB50450AS Rev. C4
Recommended Operating Condition
Figure 2. Built-In Bootstrap Diode Characteristics (Typical)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VPN
Supply Voltage
Applied between P and N
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC and COM
13.5
15.0
16.5
V
VBS
High-Side Bias Voltage
Applied between VB and VS
13.5
15.0
16.5
V
VIN(ON)
Input ON Threshold Voltage
Applied between VIN and COM
3.0
-
VCC
V
VIN(OFF)
Input OFF Threshold Voltage
0
-
0.6
V
tdead
Blanking Time for Preventing
Arm-Short
VCC = VBS = 13.5 ~ 16.5 V, TJ 150°C
1.0
-
-
s
fPWM
PWM Switching Frequency
TJ 150°C
-
15
-
kHz
01
23
456
78
9
10
11
12
13
14
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Built-In Bootstrap Diode V
F
-I
F
Characteristic
V
F
[V]
TC = 25°C


Podobny numer części - FSB50450AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FSB50450AS ONSEMI-FSB50450AS Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
More results

Podobny opis - FSB50450AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FNF51060TD1 ONSEMI-FNF51060TD1 Datasheet
546Kb / 17P
   Motion SPM짰 55 Series
April 2017 Rev. 1.1
logo
Fairchild Semiconductor
FSBB20CH60SL FAIRCHILD-FSBB20CH60SL Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
logo
ON Semiconductor
FSBB30CH60F ONSEMI-FSBB30CH60F Datasheet
1Mb / 15P
   Motion SPM짰 3 Series
December-2017, Rev. 3
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com