Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLZ1005MR47WT Arkusz danych(PDF) 3 Page - TDK Electronics

Numer części MLZ1005MR47WT
Szczegółowy opis  Inductors for Decoupling Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ1005MR47WT Arkusz danych(HTML) 3 Page - TDK Electronics

  MLZ1005MR47WT Datasheet HTML 1Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 2Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 3Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 4Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 5Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 6Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 7Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 8Page - TDK Electronics MLZ1005MR47WT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
• All specifications are subject to change without notice.
(2/10)
002-06 / 20120514 / e533_mlz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value). The maximum operating temperature at this time is 105°C.
• Test equipment
Inductance: Ag-4294A+16034G
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Classification
Part No.
Inductance
(µH)
Inductance
tolerance
Test
frequency
L (MHz)
Test
current
L (mA)
Self-resonant
frequency
(MHz)typ.
DC
resistance
(
 )±30%
Rated
current1
(mA)
Rated
current2
(mA)
IDC-UP
MLZ1005MR47WT
0.47
±20%
2
0.1
260
0.20
120
500
MLZ1005MR68WT
0.68
±20%
2
0.1
210
0.30
110
450
MLZ1005M1R0WT
1.00
±20%
2
0.1
170
0.35
100
450
MLZ1005M1R5WT
1.50
±20%
2
0.1
140
0.50
80
350
MLZ1005M2R2WT
2.20
±20%
2
0.1
120
0.55
60
350
1.0±0.05
0.1min.
0.1min.
Weight: 1.2mg
0.4 0.5
0.5
Dimensions in mm
1
10
100
1000
Frequency(MHz)
10
1
0.01
0.1
M2R2W
M1R5W
M1R0W
MR68W
MR47W
E4991A+16192A
1
10
100
1000
DC current(mA)
10
1
0.1
M2R2W
M1R5W
M1R0W
MR68W
MR47W
10000
1000
100
1
10
1
10
100
1000
Frequency(MHz)
M2R2W
M1R5W
M1R0W
MR68W
MR47W
E4991A+16192A
0
200
400
600
800
1000
DC current(mA)
60
50
40
0
30
20
10
M1R5W
M1R0W
MR68W
MR47W
M2R2W


Podobny numer części - MLZ1005MR47WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
MLZ1005MR47WT000 TDK-MLZ1005MR47WT000 Datasheet
156Kb / 3P
   Inductors (Coils)
More results

Podobny opis - MLZ1005MR47WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com