Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLZ1005M1R5WT Arkusz danych(PDF) 2 Page - TDK Electronics

Numer części MLZ1005M1R5WT
Szczegółowy opis  Inductors for Decoupling Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ1005M1R5WT Arkusz danych(HTML) 2 Page - TDK Electronics

  MLZ1005M1R5WT Datasheet HTML 1Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 2Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 3Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 4Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 5Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 6Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 7Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 8Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
• All specifications are subject to change without notice.
(1/10)
002-06 / 20120514 / e533_mlz
Inductors for Decoupling Circuits
Multilayer/STD • Magnetic Shielded
MLZ Series MLZ1005W
The MLZ Series is a new line of multilayer choke coils for decou-
pling with the industry’s best DC superimposition characteristics
and lowest DC resistance. TDK has developed this coil using its
proprietary ferrite material technique and dense electrodes.
The MLZ Series exerts an excellent effect mainly on the decou-
pling of power circuits. It also exerts an effect on audio lines
because of its low DC resistance.
The MLZ1005 series is now available in addition to the MLZ1608/
2012 series.
The MLZ Series was regarded as having the industry’ s best DC
superimposition characteristics and lowest DC resistance according to
research conducted in September 2010.
FEATURES
• MLZ10005 series products have the best DC superimposition
characteristics in the industry.
• Magnetically sealed configuration allowing for high-density
mounting.
• Does not contain lead and is compatible with lead-free
soldering.
• It is a product conforming to RoHS directive.
APPLICATIONS
Modules such as digital cellular phone and camera module, Net-
books, note PCs, DSCs, DVCs, video games, portable memory
audio devices, navigation systems, PNDs, TVs, W-LANs, solid
state drives
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Management symbol
(4) Inductance
(5) Characteristic type
(6) Packaging style
(7) TDK internal code
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the tempera-
ture difference between the solder temperature and product
temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
Operating temperature range
–55 to +125°C
[Including self-temperature rise]
Storage temperature range
–55 to +125°C(After mount)
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
MLZ 1005
M
1R0 W
T
(1)
(2)
(3)
(4)
(5) (6)
(7)
1005
1.0
0.50.5mm
R47
0.47
H
1R0
1.0
H
W
IDC-UP
T
Taping [reel]
Packaging style
Quantity
Taping
10000 pieces/reel
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Podobny numer części - MLZ1005M1R5WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
MLZ1005M1R5WT000 TDK-MLZ1005M1R5WT000 Datasheet
155Kb / 3P
   Inductors (Coils)
More results

Podobny opis - MLZ1005M1R5WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com