Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLZ1005M1R5WT Arkusz danych(PDF) 6 Page - TDK Electronics

Numer części MLZ1005M1R5WT
Szczegółowy opis  Inductors for Decoupling Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ1005M1R5WT Arkusz danych(HTML) 6 Page - TDK Electronics

Back Button MLZ1005M1R5WT Datasheet HTML 2Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 3Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 4Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 5Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 6Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 7Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 8Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 9Page - TDK Electronics MLZ1005M1R5WT Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
• All specifications are subject to change without notice.
(5/10)
002-06 / 20120514 / e533_mlz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value). The maximum operating temperature at this time is 105°C.
• Test equipment
Inductance: Ag-4294A+16034G
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Classification
Part No.
Inductance
(µH)
Inductance
tolerance
Test
frequency
L (MHz)
Test
current
L (mA)
Self-resonant
frequency
(MHz)typ.
DC
resistance
(
 )±30%
Rated
current1
(mA)
Rated
current2
(mA)
High frequency
type
MLZ1608DR10DT
0.10
±20%
25
1.0
600
0.14
700
850
MLZ1608DR22DT
0.22
±20%
25
1.0
400
0.27
550
600
MLZ1608DR47DT
0.47
±20%
25
1.0
260
0.42
400
500
IDC-UP
type
MLZ1608A1R0WT
1.00
±20%
10
1.0
170
0.15
190
600
MLZ1608A2R2WT
2.20
±20%
10
1.0
120
0.25
130
500
MLZ1608M4R7WT
4.70
±20%
2
0.1
80
0.50
120
350
MLZ1608M100WT
10.0
±20%
2
0.1
50
1.05
90
250
MLZ1608M220WT
22.0
±20%
2
0.1
38
2.40
55
150
Low-resistance
type
MLZ1608N1R0LT
1.00
±20%
2
0.1
170
0.11
140
700
MLZ1608N2R2LT
2.20
±20%
2
0.1
120
0.18
110
500
MLZ1608N4R7LT
4.70
±20%
2
0.1
80
0.32
80
400
MLZ1608N100LT
10.0
±20%
2
0.1
50
0.60
60
300
1.6
±0.15
0.3
±0.2
0.3
±0.2
Weight: 4mg
0.8
0.6
0.6
Dimensions in mm
E4991A+16192A
0.01
0.1
1
10
1
10
100
1000
Frequency(MHz)
R47D
R10D
E4991A+16192A
0.01
0.1
1
100
10
1
10
100
1000
Frequency(MHz)
100W
2R2W
E4991A+16192A
0.01
0.1
1
100
10
1
10
100
1000
Frequency(MHz)
100L
2R2L
E4991A+16192A
1
10
100
1000
10000
1
10
100
1000
Frequency(MHz)
R47D
R10D
E4991A+16192A
1
10
100
1000
10000
1
10
100
1000
Frequency(MHz)
100W
2R2W
E4991A+16192A
1
10
100
1000
10000
1
10
100
1000
Frequency(MHz)
100W
2R2W


Podobny numer części - MLZ1005M1R5WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
MLZ1005M1R5WT000 TDK-MLZ1005M1R5WT000 Datasheet
155Kb / 3P
   Inductors (Coils)
More results

Podobny opis - MLZ1005M1R5WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com