Zakładka z wyszukiwarką danych komponentów |
|
AD7224TQ Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD7224TQ Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 8 page AD7224 REV. B –6– Table I. AD7224 Truth Table RESET LDAC WR CS Function H L L L Both Registers are Transparent H X H X Both Registers are Latched H H X H Both Registers are Latched H H L L Input Register Transparent HH g L Input Register Latched H L L H DAC Register Transparent HL g H DAC Register Latched L X X X Both Registers Loaded With All Zeros g H H H Both Register Latched With All Zeros and Output Remains at Zero g L L L Both Registers are Transparent and Output Follows Input Data H = High State, L = Low State, X = Don’t Care. All control inputs are level triggered. The contents of both registers are reset by a low level on the RESET line. With both registers transparent, the RESET line functions like a zero override with the output brought to 0 V for the duration of the RESET pulse. If both registers are latched, a “LOW” pulse on RESET will latch all 0s into the registers and the output remains at 0 V after the RESET line has returned “HIGH”. The RESET line can be used to ensure power-up to 0 V on the AD7224 output and is also useful, when used as a zero override, in system calibration cycles. Figure 3 shows the input control logic for the AD7224. INPUT DATA LDAC WR CS RESET DAC REGISTER INPUT REGISTER Figure 3. Input Control Logic t2 t1 t2 t1 t4 t3 t3 t4 DATA VALID t5 t6 DATA IN CS WR LDAC NOTES: 1. ALL INPUT SIGNAL RISE AND FALL TIMES MEASURED FROM 10% TO 90% OF V DD . tr = tf = 20ns OVER VDD RANGE 2. TIMING MEASUREMENT REFERENCE LEVEL IS V INH + VINL 2 Figure 4. Write Cycle Timing Diagram SPECIFICATION RANGES For the DAC to maintain specified accuracy, the reference volt- age must be at least 4 V below the VDD power supply voltage. This voltage differential is required for correct generation of bias voltages for the DAC switches. With dual supply operation, the AD7224 has an extended VDD range from +12 V ± 5% to +15 V ± 10% (i.e., from +11.4 V to +16.5 V). Operation is also specified for a single VDD power supply of +15 V ± 5%. Performance is specified over a wide range of reference voltages from 2 V to (VDD – 4 V) with dual supplies. This allows a range of standard reference generators to be used such as the AD580, a +2.5 V bandgap reference and the AD584, a precision +10 V reference. Note that in order to achieve an output voltage range of 0 V to +10 V, a nominal +15 V ± 5% power supply voltage is required by the AD7224. GROUND MANAGEMENT AC or transient voltages between AGND and DGND can cause noise at the analog output. This is especially true in micropro- cessor systems where digital noise is prevalent. The simplest method of ensuring that voltages at AGND and DGND are equal is to tie AGND and DGND together at the AD7224. In more complex systems where the AGND and DGND intertie is on the backplane, it is recommended that two diodes be con- nected in inverse parallel between the AD7224 AGND and DGND pins (IN914 or equivalent). Applying the AD7224 UNIPOLAR OUTPUT OPERATION This is the basic mode of operation for the AD7224, with the output voltage having the same positive polarity as VREF. The AD7224 can be operated single supply (VSS = AGND) or with positive/negative supplies (see op-amp section which outlines the advantages of having negative VSS). Connections for the uni- polar output operation are shown in Figure 5. The voltage at VREF must never be negative with respect to DGND. Failure to observe this precaution may cause parasitic transistor action and possible device destruction. The code table for unipolar output operation is shown in Table II. DAC DB7 DB0 3 V DD V REF CS WR LDAC RESET V SS AGND DGND AD7224 V OUT DATA (8-BIT) Figure 5. Unipolar Output Circuit Table III. Unipolar Code Table DAC Register Contents MSB LSB Analog Output 1 1 1 1 1 1 1 1 +V REF 255 256 1 0 0 0 0 0 0 1 +V REF 129 256 1 0 0 0 0 0 0 0 +V REF 128 256 =+ V REF 2 0 1 1 1 1 1 1 1 +V REF 127 256 0 0 0 0 0 0 0 1 +V REF 1 256 0 0 0 0 0 0 0 0 0 V Note: 1 LSB = V REF () 2−8 ()=V REF 1 256 |
Podobny numer części - AD7224TQ |
|
Podobny opis - AD7224TQ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |