Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7224UE Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7224UE
Szczegółowy opis  LC2MOS 8-Bit DAC with Output Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7224UE Arkusz danych(HTML) 3 Page - Analog Devices

  AD7224UE Datasheet HTML 1Page - Analog Devices AD7224UE Datasheet HTML 2Page - Analog Devices AD7224UE Datasheet HTML 3Page - Analog Devices AD7224UE Datasheet HTML 4Page - Analog Devices AD7224UE Datasheet HTML 5Page - Analog Devices AD7224UE Datasheet HTML 6Page - Analog Devices AD7224UE Datasheet HTML 7Page - Analog Devices AD7224UE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7224
REV. B
–3–
SINGLE SUPPLY
K, B, T
L, C, U
Parameter
Versions
2
Versions
2
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error
±2
±2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed Monotonic
REFERENCE INPUT
Input Resistance
8
8
k
Ω min
Input Capacitance3
100
100
pF max
Occurs when DAC is loaded with all 1s.
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
µA max
VIN = 0 V or VDD
Input Capacitance
3
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
4
22V/
µs min
Voltage Output Settling Time
4
Positive Full-Scale Change
5
5
µs max
Settling Time to
± 1/2 LSB
Negative Full-Scale Change
20
20
µs max
Settling Time to
± 1/2 LSB
Digital Feedthrough
3
50
50
nV secs typ
VREF = 0 V
Minimum Load Resistance
2
2
k
Ω min
VOUT = +10 V
POWER SUPPLIES
VDD Range
14.25/15.75
14.25/15.75
V min/V max
For Specified Performance
IDD
@ 25
°C
4
4
mA max
Outputs Unloaded; VIN = VINL or VINH
TMIN to TMAX
6
6
mA max
Outputs Unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS
3, 4
t1
@ 25
°C
90
90
ns min
Chip Select/Load DAC Pulse Width
TMIN to TMAX
90
90
ns min
t2
@ 25
°C
90
90
ns min
Write/Reset Pulse Width
TMIN to TMAX
90
90
ns min
t3
@ 25
°C
0
0
ns min
Chip Select/Load DAC to Write Setup Time
TMIN to TMAX
0
0
ns min
t4
@ 25
°C
0
0
ns min
Chip Select/Load DAC to Write Hold Time
TMIN to TMAX
0
0
ns min
t5
@ 25
°C
90
90
ns min
Data Valid to Write Setup Time
TMIN to TMAX
90
90
ns min
t6
@ 25
°C
10
10
ns min
Data Valid to Write Hold Time
TMIN to TMAX
10
10
ns min
NOTES
1Maximum possible reference voltage.
2Temperature ranges are as follows:
AD7224KN, LN: 0
°C to +70°C
AD7224BQ, CQ: –25
°C to +85°C
AD7224TD, UD: –55
°C to +125°C
3See Terminology.
4Sample tested at 25
°C by Product Assurance to ensure compliance.
Specifications subject to change without notice.
(VDD = +15 V
5%; VSS = AGND = DGND = O V; VREF = +10 V
1 unless otherwise noted.
All specifications TMIN to TMAX unless otherwise noted.)


Podobny numer części - AD7224UE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7224UE AD-AD7224UE Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
More results

Podobny opis - AD7224UE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224 AD-AD7224_15 Datasheet
231Kb / 8P
   LC MOS 8-Bit DAC with Output Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com