Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8842AR Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD8842AR
Szczegółowy opis  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8842AR Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD8842AR Datasheet HTML 2Page - Analog Devices AD8842AR Datasheet HTML 3Page - Analog Devices AD8842AR Datasheet HTML 4Page - Analog Devices AD8842AR Datasheet HTML 5Page - Analog Devices AD8842AR Datasheet HTML 6Page - Analog Devices AD8842AR Datasheet HTML 7Page - Analog Devices AD8842AR Datasheet HTML 8Page - Analog Devices AD8842AR Datasheet HTML 9Page - Analog Devices AD8842AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REV.
–6–
AD8842–Typical Performance Characteristics
DIGITAL INPUT CODE – Decimal
+1/2
–1/2
+1/2
0
–1/2
0
256
0
192
128
64
DACs A, B, C, D SUPERIMPOSED
DACs E, F, G, H SUPERIMPOSED
TA = +25°C
VDD = +5V
VSS = – 5V
VINX = +3V
0
64
128
0.3
0.2
–0.1
0.1
0
–0.2
–0.3
–0.4
0.4
192
256
DIGITAL INPUT CODE – Decimal
VDD = +5V
VSS = –5V
VINX = +3V
DAC A
TA = –55 °C
TA = +125 °C
TA = +25 °C
0
–10
–20
–30
–40
10k
10M
100k
1M
FREQUENCY – Hz
–180
–315
0
–90
–45
–135
–225
–270
–360
GAIN
–FS
+FS
PHASE
CODE = ALL ONES
PHASE
CODE = ALL ZEROS
V
IN = ± 100mV
T
A = +25°C
1k
10k
100k
1M
10M
FREQUENCY – Hz
90
0
15
30
45
60
75
105
120
135
V
IN A = 100mVpp
V
IN B = 0V
T
A = +25°C
dB
INPUT A
OUTPUT B
Figure 4. Linearity Error vs.
Digital Code
Figure 5. Linearity Error vs.
Digital Code vs. Temperature
Figure 6. VOUT Half Scale (80H)
vs. Temperature
Figure 7. Input Resistance (VIN)
vs. Temperature
Figure 8. Total Harmonic Distortion
vs. Frequency
Figure 9. VOUT Slew Rate
vs. Temperature
Figure 10. Gain and Phase vs.
Frequency (Code = 00H or FFH)
Figure 11. DAC Crosstalk
vs. Frequency
Figure 12. Voltage Noise Density
vs. Frequency
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE –
°C
8
0
VINX = –3V
6
4
2
–2
–4
–8
–10
VINX = +3V
VDD = +4.75V
VSS = –4.75V
21
–75
–50
100
125
TEMPERATURE –
°C
V
IN = +3V
20
19
18
17
16
–25
0
25
50
75
AVG
AVG +2
σ
AVG –2
σ
V
DD = +4.75V
V
SS = –4.75V
10
100
1k
10k
100k
FREQUENCY – Hz
0.001
100
10
1
0.1
0.01
R
L = 2kΩ
V
IN = +4Vp-p
f
LPF = 80kHz
CODE = FF
H
3
2
–75
–50
–25
25
VDD = +4.75V
VSS = –4.75V
∆VIN = ±3V
1
0
4
0
50
75
100 125
TEMPERATURE –
°C
SR+
SR–
1
0.4
0
10
100
100k
10k
1k
0.2
0.6
0.8
FREQUENCY – Hz
TA = +25°C
VIN = 0V
A


Podobny numer części - AD8842AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8842AR AD-AD8842AR Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842AR AD-AD8842AR Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842AR-REEL AD-AD8842AR-REEL Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ-REEL AD-AD8842ARZ-REEL Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Podobny opis - AD8842AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com