Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V-15-1A5 Arkusz danych(PDF) 7 Page - Omron Electronics LLC

Numer części V-15-1A5
Szczegółowy opis  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15-1A5 Arkusz danych(HTML) 7 Page - Omron Electronics LLC

Back Button V-15-1A5 Datasheet HTML 3Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 4Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 5Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 6Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 7Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 8Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 9Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 10Page - Omron Electronics LLC V-15-1A5 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
V
V
116
Switching Capacity per Load (Reference Values)
Model
Voltage
Non-inductive load
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
V-21
250 VAC
21 A
3 A
12 A
4 A
8 VDC
21 A
5 A
12 A
7 A
30 VDC
14 A
5 A
12 A
5 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-16
250 VAC
16 A
2 A
10 A
3 A
8 VDC
16 A
4 A
10 A
6 A
30 VDC
10 A
4 A
10 A
4 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-15
250 VAC
15 A
2 A
10 A
3 A
8 VDC
15 A
4 A
10 A
6 A
30 VDC
10 A
4 A
10 A
4 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-11
250 VAC
11 A
1.5 A
6 A
2 A
8 VDC
11 A
3 A
6 A
3 A
30 VDC
6 A
3 A
6 A
3 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
V-10
250 VAC
10 A
1.5 A
6 A
2 A
8 VDC
10 A
3 A
6 A
3 A
30 VDC
6 A
3 A
6 A
3 A
125 VDC
0.6 A
0.1 A
0.6 A
0.1 A
250 VDC
0.3 A
0.05 A
0.3 A
0.05 A
Note:
1. The above current values are the normal current values of models with a contact gap of 1 mm (gap F), which vary with the normal
current values of models with a contact gap of 0.5 mm (gap G).
2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.


Podobny numer części - V-15-1A5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-15-1A5-T OMRON-V-15-1A5-T Datasheet
1Mb / 16P
   Snap Action Switch
V-15-1A5-T OMRON-V-15-1A5-T Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15-1A5-T OMRON-V-15-1A5-T Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15-1A5-T OMRON-V-15-1A5-T Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
More results

Podobny opis - V-15-1A5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com