Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V-10G6-2AR6-T Arkusz danych(PDF) 1 Page - Omron Electronics LLC

Numer części V-10G6-2AR6-T
Szczegółowy opis  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10G6-2AR6-T Arkusz danych(HTML) 1 Page - Omron Electronics LLC

  V-10G6-2AR6-T Datasheet HTML 1Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 2Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 3Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-10G6-2AR6-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
110
Miniature Basic Switch
V
Reliable Basic Switches in a Wide
Variation
Wide variation of best-selling microswitches with
switching currents of 10 to 21 A.
Can be used for interrupting current when doors are
opened or closed.
Available in two types of cases:
thermoplastic resin and thermosetting resin.
RC
EW
Ordering Information
Model Number Legend
V-
jjj-jjjj-j
12
3
4
5
6
7
8
1.
Ratings
21: 21 A at 250 VAC
16: 16 A at 250 VAC
15: 15 A at 250 VAC
11:
11 A at 250 VAC
10: 10 A at 250 VAC
2.
Contact Gap
None: 1 mm (F gap)
G:
0.5 mm (G gap) (for remodelling)
3.
Actuator
None: Pin plunger
1:
Short hinge lever
2:
Hinge lever
3:
Long hinge lever
4:
Simulated roller lever
5:
Short hinge roller lever
6:
Hinge roller lever
4.
Contact Form
1:
SPDT (COM bottom terminal, double-throw)
2:
SPST-NC (COM bottom terminal, normally closed)
3:
SPST-NO (COM bottom terminal, normally open)
4:
SPDT (COM side terminal, double-throw)
5:
SPST-NC (COM side terminal, normally closed)
6:
SPST-NO (COM side terminal, normally open)
5.
Terminals
A:
Solder terminals
C2: Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)
B:
Screw terminals
6.
Barrier (Models with Thermoplastic Case Only)
None: Without barrier
R:
Right-hand barrier
L:
Left-hand barrier
7.
Maximum Operating Force
6:
3.92 N {400 gf}
5:
1.96 N {200 gf}
4:
0.98 N {100 gf}
Note:
These values are for the pin plunger models.
8.
Special Purpose (Models with Thermosetting Case
Only)
T:
Heat-resistive


Podobny numer części - V-10G6-2AR6-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-10G6-1A4-K OMRON-V-10G6-1A4-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G6-1A5-K OMRON-V-10G6-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G6-1C24-K OMRON-V-10G6-1C24-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Podobny opis - V-10G6-2AR6-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com