Zakładka z wyszukiwarką danych komponentów |
|
V-11G2-4AR6-T Arkusz danych(PDF) 9 Page - Omron Electronics LLC |
|
V-11G2-4AR6-T Arkusz danych(HTML) 9 Page - Omron Electronics LLC |
9 / 16 page V V 118 Contact Specifications Item V-21 V-16 V-15 V-11 V-10 Contact Specification Rivet Material Silver alloy Silver Gap (standard value) 1 mm (F gap) or 0.5 mm (G gap) Inrush current NC 50 A max. 40 A max. 36 A max. 24 A max. NO Minimum applicable load 160 mA at 5 VDC Contact Form SPDT SPST-NC SPST-NO Engineering Data (Reference Values) Mechanical Durability (Pin Plunger Models) V-21/-16/-15/-10 Electrical Durability (Pin Plunger Models) V-21/-16/-15 200 100 50 10 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 (1.6) 1.8 Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5% Without load Operating frequency: 600 operations/min V-10 (0.98 N {100 gf}), V-11 V-10 (1.96 N {200 gf}) V-15 V-16 V-21 OT rated value Operating frequency: 60 operations/min cos φ = 1, 250 VAC 5 2 1 0.5 0.3 0.1 0 4 8 12 16 202428 V-21 V-15 V-16 5 2 1 0.5 0.3 0.1 0 0.5 12 34 5 6 7 8 9 10 11 12 V-10 V-11 V-11/-10 Full stroke OT (mm) Switching current (A) Switching current (A) Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5% Operating frequency: 60 operations/min cos φ = 1, 250 VAC |
Podobny numer części - V-11G2-4AR6-T |
|
Podobny opis - V-11G2-4AR6-T |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |