Zakładka z wyszukiwarką danych komponentów |
|
Z-15GQ-B Arkusz danych(PDF) 3 Page - Omron Electronics LLC |
|
Z-15GQ-B Arkusz danych(HTML) 3 Page - Omron Electronics LLC |
3 / 18 page 3 Z Z Non-inductive load (A) Inductive load (A) Contact Rated Resistive load Lamp load Inductive load Motor load Inrush current (A) gap voltage NC NO NC NO NC NO NC NO NC NO G,H 125 VAC 15 (10) — 3 1.5 15 (10) — 5 2.5 30 max. 15 max. 250 VAC 15 (10) — 2.5 1.25 15 (10) — 3 1.5 500 VAC 10 — 1.5 0.75 6 — 1.5 0.75 G 8 VDC 15 — 3 1.5 15 — 5 2.5 14 VDC 15 — 3 1.5 10 — 5 2.5 30 VDC 6 — 3 1.5 5 — 5 2.5 125 VDC 0.5 — 0.5 0.5 0.05 — 0.05 0.05 250 VDC 0.25 — 0.25 0.25 0.03 — 0.03 0.03 H 8 VDC 15 — 3 1.5 15 — 5 2.5 14 VDC 15 — 3 1.5 10 — 5 2.5 30 VDC 2— 21.4 1— 11 125 VDC 0.4 — 0.4 0.4 0.03 — 0.03 0.03 250 VDC 0.2 — 0.2 0.2 0.02 — 0.02 0.02 Specifications Standard type (except flexible rod types) Non-inductive load (A) Inductive load (A) Rated Resistive load Lamp load Inductive load Motor load Inrush current (A) voltage NC NO NC NO NC NO NC NO NC NO 125 VAC 15 — 217— 2.5 230 max. 15 max. 250 VAC 15 — 1 0.5 5 — 1.5 1 8 VDC 15 — 217— 31.5 14 VDC 15 — 217— 31.5 30 VDC 2— 211— 10.5 125 VDC 0.4 — 0.4 0.4 0.03 — 0.03 0.03 250 VDC 0.2 — 0.2 0.2 0.02 — 0.02 0.02 Standard flexible rod types s CONSTRUCTION Drip-proof type Rubber cap protects the built-in switch from water and dust Fixed contact (NC) Glued surface (adhesive is filled between case and cover) Movable contact Fixed contact (NC) Movable spring Spring pivot |
Podobny numer części - Z-15GQ-B |
|
Podobny opis - Z-15GQ-B |