Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GNJ55 Arkusz danych(PDF) 11 Page - Omron Electronics LLC

Numer części Z-15GNJ55
Szczegółowy opis  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GNJ55 Arkusz danych(HTML) 11 Page - Omron Electronics LLC

Back Button Z-15GNJ55 Datasheet HTML 7Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 8Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 9Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 10Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 11Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 12Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 13Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 14Page - Omron Electronics LLC Z-15GNJ55 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Z
Z
Operating
characteristics
Z-15GK355-B
OF max.
540 g
RF min.
114 g
PT max.
2.4 mm (0.09)
OT min.
3.5 mm (0.14)
MD max.
0.06 mm (0.002)
OP
37.8
± 1.2 mm
(1.49
± 0.05)
Z-15GK355-B
Z-15GQ55-B, Z-15HQ55-B
Operating
characteristics
Z-15GQ55-B
Z-15GH55-B
OF max.
540 g
400 g
RF min.
114 g
114 g
PT min.
1.8 mm (0.07)
1.7 mm (0.07)
OT min.
5.5 mm (0.22)
5.5 mm (0.22)
MD max.
0.06 mm (0.002) 0.04 mm (0.002)
OP
21.8
± 0.8 mm
21.8
± 0.8 mm
(0.86
± 0.03)
(0.86
± 0.03)
Operating
characteristics
Z-15GQ2255-B
OF max.
540 g
RF min.
114 g
PT max.
1.8 mm (0.07)
OT min.
3.58 mm (0.14)
MD max.
0.06 mm (0.002)
OP
33.4
± 1.2 mm
(1.31
± 0.05)
Z-15GQ2255-B
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. For smaller diameter mounting holes, please consult OMRON.
3. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number.


Podobny numer części - Z-15GNJ55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GNJ55 OMRON-Z-15GNJ55 Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GNJ55-B OMRON-Z-15GNJ55-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GNJ55-B7-K OMRON-Z-15GNJ55-B7-K Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GNJ55-ML1M OMRON-Z-15GNJ55-ML1M Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15GNJ55-MR1M OMRON-Z-15GNJ55-MR1M Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Podobny opis - Z-15GNJ55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com