Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GQ55-B Arkusz danych(PDF) 8 Page - Omron Electronics LLC

Numer części Z-15GQ55-B
Szczegółowy opis  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GQ55-B Arkusz danych(HTML) 8 Page - Omron Electronics LLC

Back Button Z-15GQ55-B Datasheet HTML 4Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 5Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 6Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 7Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 8Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 9Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 10Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 11Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Z
Z
Operating
characteristics
Z-15GW-B
OF max.
70 g
RF min.
14 g
OT min.
5.6 mm (0.22)
MD max.
1.27 mm (0.05)
FP max.
28.2 mm (1.11)
OP
19
± 0.8 mm
(0.75
± 0.03)
Z-15GW-B
Operating
characteristics
Z-15GW4-B
OF max.
28 g
RF min.
3.5 g
PT max.
10 mm (0.39)
OT min.
5.6 mm (0.22)
MD max.
1.27 mm (0.05)
OP
19
± 0.8 mm
(0.75
± 0.03)
Z-15GW4-B
Operating
characteristics
Z-15HW24-B
OF max.
6 g
RF min.
0.5 g
PT max.
19.8 mm (0.78)
OT min.
10 mm (0.39)
MD max.
2 mm (0.08)
OP
19.8
± 1.6 mm
(0.75
± 0.03)
Z-15HW24-B
Operating
characteristics
Z-15HW78-B
OF max.
4 g
RF min.
0.3 g
PT max.
10 mm (0.39)
OT min.
6 mm (0.24)
MD max.
3 mm (0.12)
OP
20
± 1 mm
(0.79
± 0.04)
Z-15HW78-B
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. For smaller diameter mounting holes, please consult OMRON.
3. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number.
Unit: mm (inch)


Podobny numer części - Z-15GQ55-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GQ55-B OMRON-Z-15GQ55-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Podobny opis - Z-15GQ55-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com