Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GQ55-B Arkusz danych(PDF) 3 Page - Omron Electronics LLC

Numer części Z-15GQ55-B
Szczegółowy opis  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GQ55-B Arkusz danych(HTML) 3 Page - Omron Electronics LLC

  Z-15GQ55-B Datasheet HTML 1Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 2Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 3Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 4Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 5Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 6Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 7Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 8Page - Omron Electronics LLC Z-15GQ55-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Z
Z
Non-inductive load (A)
Inductive load (A)
Contact
Rated
Resistive load
Lamp load
Inductive load
Motor load
Inrush current (A)
gap
voltage
NC
NO
NC
NO
NC
NO
NC
NO
NC
NO
G,H
125 VAC
15 (10)
3
1.5
15 (10)
5
2.5
30 max.
15 max.
250 VAC
15 (10)
2.5
1.25
15 (10)
3
1.5
500 VAC
10
1.5
0.75
6
1.5
0.75
G
8 VDC
15
3
1.5
15
5
2.5
14 VDC
15
3
1.5
10
5
2.5
30 VDC
6
3
1.5
5
5
2.5
125 VDC
0.5
0.5
0.5
0.05
0.05
0.05
250 VDC
0.25
0.25
0.25
0.03
0.03
0.03
H
8 VDC
15
3
1.5
15
5
2.5
14 VDC
15
3
1.5
10
5
2.5
30 VDC
2—
21.4
1—
11
125 VDC
0.4
0.4
0.4
0.03
0.03
0.03
250 VDC
0.2
0.2
0.2
0.02
0.02
0.02
Specifications
Standard type (except flexible rod types)
Non-inductive load (A)
Inductive load (A)
Rated
Resistive load
Lamp load
Inductive load
Motor load
Inrush current (A)
voltage
NC
NO
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
15
217—
2.5
230 max.
15 max.
250 VAC
15
1
0.5
5
1.5
1
8 VDC
15
217—
31.5
14 VDC
15
217—
31.5
30 VDC
2—
211—
10.5
125 VDC
0.4
0.4
0.4
0.03
0.03
0.03
250 VDC
0.2
0.2
0.2
0.02
0.02
0.02
Standard flexible rod types
s CONSTRUCTION
Drip-proof type
Rubber cap protects the built-in switch from
water and dust
Fixed contact (NC)
Glued surface (adhesive is filled between
case and cover)
Movable contact
Fixed contact (NC)
Movable spring
Spring pivot


Podobny numer części - Z-15GQ55-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GQ55-B OMRON-Z-15GQ55-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Podobny opis - Z-15GQ55-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com