Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15HW24-B Arkusz danych(PDF) 1 Page - Omron Electronics LLC

Numer części Z-15HW24-B
Szczegółowy opis  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15HW24-B Arkusz danych(HTML) 1 Page - Omron Electronics LLC

  Z-15HW24-B Datasheet HTML 1Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 2Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 3Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 4Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 5Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 6Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 7Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 8Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Basic Switch
Z
General Purpose Basic Switch
s
High precision basic switch in a variety
of styles
s
Wide margins of operating conditions
increase the operating speed range
s
Available in general purpose and drip-
proof types
Ordering Information
Pin plunger
Slim spring
Short spring
Spring
Panel mount
Panel mount
Panel mount
plunger
plunger
plunger
plunger
roller plunger
cross roller plunger
Hinge lever
Low-force
Low-force wire
Short hinge
Hinge roller
Unidirectional
Flexible rod
hinge lever
hinge lever
roller lever
lever
short hinge
roller lever
Operating
Part Number
Actuator
Characteristics
Rated Current
Solder Terminal
Screw Terminal
Pin plunger
15 A
Z-15G
Z-15G-B
Slim spring plunger
15 A
Z-15GS
Z-15GS-B
Short spring plunger
Low OP
15 A
Z-15GD
Z-15GD-B
Panel mount plunger
Middle OP
15 A
Z-15GQ
Z-15GQ-B
Panel mount roller plunger
15 A
Z-15GQ22
Z-15GQ22-B
Panel mount cross roller plunger
15 A
Z-15GQ21
Z-15GQ21-B
Hinge lever
Low OF
15 A
Z-15GW
Z-15GW-B
Low-force hinge lever
15 A
Z-15GW4
Z-15GW4-B
Short hinge roller lever
15 A
Z-15GW22
Z-15GW22-B
Hinge roller lever
Parallel
15 A
Z-15GW2
Z-15GW2-B
Unidirectional short hinge roller lever
Low OF
15 A
Z-15GW2277
Z-15GW2277-B
GENERAL PURPOSE TYPE
Standard
GENERAL PURPOSE


Podobny numer części - Z-15HW24-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15HW24-B OMRON-Z-15HW24-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15HW24-B7-K OMRON-Z-15HW24-B7-K Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Podobny opis - Z-15HW24-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com