Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15HW24-B Arkusz danych(PDF) 4 Page - Omron Electronics LLC

Numer części Z-15HW24-B
Szczegółowy opis  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15HW24-B Arkusz danych(HTML) 4 Page - Omron Electronics LLC

  Z-15HW24-B Datasheet HTML 1Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 2Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 3Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 4Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 5Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 6Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 7Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 8Page - Omron Electronics LLC Z-15HW24-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Z
Z
Standard
Standard flexible rod types
(except flexible rod types)
(coil spring and steel wire type)
Operating speed
0.01 mm to 1 m/second (see note 2)
1 mm to 1 m/second
Operating frequency
Mechanical
240 operations/min.
120 operations/min.
Electrical
20 operations/min.
20 operations/min.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
50 m
Ω max. (initial)
15 m
Ω max. (initial)
Dielectric strength (VAC)
G contact gap model
1,000 VAC, 50/60 Hz for 1 minute between terminals of same polarity
H contact gap model
600 VAC, 50/60 Hz for 1 minute
2,000 VAC, 50/60 Hz for 1 minute between current carrying metal parts and
ground and between each terminal and non-current carrying metal parts
Vibration
Malfunction
10 to 55 Hz, 1.5 mm
10 to 20 Hz, 1.5 mm
double amplitude (see note 4)
double amplitude
Shock
Mechanical durability
1,000 m/s2 min. (approx. 100 g)
Malfunction
300 m/s2 min. (approx. 30 g) (see note 3)
50 m/s2 min. (approx. 5 g)
Ambient temperature
Standard types
-25
° to 80°C (with no icing)
Drip-proof types
-15
° to 80°C (with no icing)
Humidity
Standard types
35% to 85% RH
Drip-proof types
35% to 95% RH
Service life
Mechanical
G, H contact gap models
1,000,000 operations min.
20,000,000 operations min. (see note 4)
Electrical
G, H contact gap models
100,000 operations min.
500,000 operations min. (see note 2)
Weight
Approx. 22 to 58 g
Approx. 42 to 48 g
Characteristics
s ACCESSORIES (order separately)
ZAA-1
ZAA-2
Characteristics
w/Z-15G-B
w/Z-15G-B
OF max.
500 g
500 g
RF min.
170 g
170 g
PT max.
OT min.
12.7 mm
12.7 mm
MD max.
2.2 mm
2.2 mm
FP max.
34.5 mm
46.1 mm
OP
28.9
±1.6 mm
40.4
±1.6 mm
Operating Characteristics (when used with Z-15)
Material
Mounting method
For solder terminal
For screw terminal
Remarks
Phenolic resin
Side mounting
AP-A
AP-B
Metal
Side mounting
AP1-A
AP1-B
Use in conjunction with AP-A and AP-B
Polyvinyl chloride
Side mounting
AP-Z
AP-Z
Excels in safety and dust-proofing property
Terminal enclosures - Standard models
Note: 1. Data shown are of initial value.
2. Apply to the pin plunger models or the pin plunger of the lever models.
3. Apply to Z-15G.
4. Apply to the pin plunger models.


Podobny numer części - Z-15HW24-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15HW24-B OMRON-Z-15HW24-B Datasheet
5Mb / 18P
   General-purpose Basic Switch
Z-15HW24-B7-K OMRON-Z-15HW24-B7-K Datasheet
5Mb / 18P
   General-purpose Basic Switch
More results

Podobny opis - Z-15HW24-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com