Zakładka z wyszukiwarką danych komponentów |
|
Z-15HW78-B Arkusz danych(PDF) 2 Page - Omron Electronics LLC |
|
Z-15HW78-B Arkusz danych(HTML) 2 Page - Omron Electronics LLC |
2 / 18 page 2 Z Z Operating Part Number Actuator Characteristics Rated Current Solder Terminal Screw Terminal Pin plunger 15 A — Z-15H-B Low-force hinge lever 15 A — Z-15HW24-B Low-force, wire hinge lever Low OF 15 A Z-15HW78 Z-15HW78-B Short hinge roller lever 15 A — Z-15HW22-B GENERAL PURPOSE TYPE High-sensitivity Operating Rated Contact Part Number Actuator Characteristics Current Gap Solder Terminal Screw Terminal Slim spring plunger 15 A 0.5 mm Z-15GS55 Z-15GS55-B Short spring plunger 15 A 0.5 mm Z-15GD55 Z-15GD55-B Spring plunger Middle OP 15 A 0.5 mm Z-15GK55 Z-15GK55-B High OP 15 A 0.5 mm Z-15GK355 Z-15GK355-B Panel mount plunger Middle OP 15 A 0.5 mm Z-15GQ55 Z-15GQ55-B Panel mount roller plunger 15 A 0.5 mm — Z-15GQ2255-B Panel mount cross roller plunger 15 A 0.5 mm — Z-15GQ2155-B Hinge lever Low OF 15 A 0.5 mm Z-15GW55 Z-15GW55-B Short hinge roller lever 15 A 0.5 mm Z-15GW2255 Z-15GW2255-B Hinge roller lever Parallel 15 A 0.5 mm Z-15GW255 Z-15GW255-B Flexible rod High OF 15 A 0.5 mm Z-15GNJ55 Z-15GNJ55-B DRIP-PROOF TYPE Standard Operating Rated Contact Part Number Actuator Characteristics Current Gap Solder Terminal Screw Terminal Panel mount plunger Middle OP 15 A 0.25 mm — Z-15HQ55-B Flexible rod High OF 15 A 0.25 mm — Z-15HNJS55-B DRIP-PROOF TYPE High-sensitivity Note: For smaller mounting hole types, please consult OMRON. Type Contact gap Features General purpose H: 0.25 mm Pin plunger and lever types available. (high sensitivity) Drip-proof and flexible rod types are also available. G: 0.5 mm (standard) Drip-proof H: 0.25 mm The pin plunger is sealed from the other switch mechanisms by a resilient rubber, (high sensitivity) and the case and cover are sealed by adhesive so that the switch is resistant to G: 0.5 mm (standard) humidity, oil and dust. The degree of protection conforms to IEC IP63. s BASIC CONTACT FORM Basic Contact form |
Podobny numer części - Z-15HW78-B |
|
Podobny opis - Z-15HW78-B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |