Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB1A685M2BCB Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części CB1A685M2BCB
Szczegółowy opis  Tantalum Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

CB1A685M2BCB Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  CB1A685M2BCB Datasheet HTML 1Page - List of Unclassifed Manufacturers CB1A685M2BCB Datasheet HTML 2Page - List of Unclassifed Manufacturers CB1A685M2BCB Datasheet HTML 3Page - List of Unclassifed Manufacturers CB1A685M2BCB Datasheet HTML 4Page - List of Unclassifed Manufacturers CB1A685M2BCB Datasheet HTML 5Page - List of Unclassifed Manufacturers CB1A685M2BCB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <6>
V1.1
06/09/12
CB Series
Tantalum Capacitor
Description
Part Number
Capacitor, 0.22µF, 35V
CB1V224M2ACB
Capacitor, 0.33µF, 35V
CB1V334M2ACB
Capacitor, 0.47µF, 35V
CB1V474M2ACB
Capacitor, 1µF, 35V
CB1V105M2ACB
Capacitor, 2.2µF, 35V
CB1V225M2BCB
Capacitor, 3.3µF, 35V
CB1V335M2BCB
Capacitor, 4.7µF, 35V
CB1V475M2CCB
Capacitor, 6.8µF, 35V
CB1V685M2DCB
Capacitor, 10µF, 35V
CB1V106M2DCB
Capacitor, 15µF, 35V
CB1V156M2ECB
Capacitor, 22µF, 35V
CB1V226M2ECB
Capacitor, 47µF, 35V
CB1V476M2FCB
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted 
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any 
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any  
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the 
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. 
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Podobny numer części - CB1A685M2BCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
CB1A-10S-1.5H HIROSE-CB1A-10S-1.5H Datasheet
815Kb / 10P
   Memory Stick Connectors
logo
Nais(Matsushita Electri...
CB1A-12V NAIS-CB1A-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1A-12V PANASONIC-CB1A-12V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1A-12V PANASONIC-CB1A-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Nais(Matsushita Electri...
CB1A-24V NAIS-CB1A-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
More results

Podobny opis - CB1A685M2BCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
T500X227K010AG6110 KEMET-T500X227K010AG6110 Datasheet
98Kb / 1P
   Capacitor, tantalum
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76010D1079M055 KEMET-B76010D1079M055 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
   Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
   Capacitor, tantalum
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com