Zakładka z wyszukiwarką danych komponentów |
|
CB1C157M2FCB Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
CB1C157M2FCB Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 6 page www.element14.com www.farnell.com www.newark.com Page <2> V1.1 06/09/12 CB Series Tantalum Capacitor The Range of the Capacitance and Case: Capacitance µF Rated voltage 3V 4V 6.3V 10V 16V 20V 25V 35V 50V 0.1 A A 0.15 A A 0.22 A A 0.33 A A 0.47 A A 0.68 A A 1.0 A A A A B 1.5 A A A A C 2.2 A A A A B C 3.3 A A A B B B D 4.7 A A A A B B B C D 6.8 A A A B B C C D E 10 A A B B B C C D E 15 A A B C C D D E F 22 B B C C C D D E F 33 B B C D D E E F 47 C C D D D E E F 68 D D D D E F F 100 D D E E E F F 150 D E E E F 220 E E E F Appearance & Dimensions: Case Size D Max. H Max. h(±0.5mm) d(±0.05mm) A 4.5 7 2.5 0.5 B 5 8 C 5.5 9.5 D 6.5 11 E 8.5 13 5 F 9.5 16.5 Dimensions : Millimetres |
Podobny numer części - CB1C157M2FCB |
|
Podobny opis - CB1C157M2FCB |