Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4066BMT Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4066BMT
Szczegółowy opis  CMOS QUAD BILATERAL SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4066BMT Arkusz danych(HTML) 5 Page - Texas Instruments

  CD4066BMT Datasheet HTML 1Page - Texas Instruments CD4066BMT Datasheet HTML 2Page - Texas Instruments CD4066BMT Datasheet HTML 3Page - Texas Instruments CD4066BMT Datasheet HTML 4Page - Texas Instruments CD4066BMT Datasheet HTML 5Page - Texas Instruments CD4066BMT Datasheet HTML 6Page - Texas Instruments CD4066BMT Datasheet HTML 7Page - Texas Instruments CD4066BMT Datasheet HTML 8Page - Texas Instruments CD4066BMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics (continued)
LIMITS AT INDICATED TEMPERATURES
CHARACTERISTIC
TEST CONDITIONS
VDD
−55
°C
−40
°C
85
°C
125
°C
25
°C
UNIT
CHARACTERISTIC
TEST CONDITIONS
VDD
(V)
−55
°C
−40
°C
85
°C
125
°C
TYP
MAX
UNIT
Control (VC)
Control input,
|Iis| < 10 µA,
5
1
1
1
1
1
VILC
Control input,
low voltage (max)
|Iis| < 10 µA,
Vis = VSS, VOS = VDD, and
V
= V
, V
= V
10
2
2
2
2
2
V
VILC
low voltage (max)
Vis = VSS, VOS = VDD, and
Vis = VDD, VOS = VSS
15
2
2
2
2
2
V
Control input,
5
3.5 (MIN)
VIHC
Control input,
high voltage
See Figure 6
10
7 (MIN)
V
VIHC high voltage
See Figure 6
15
11 (MIN)
V
IIN
Input current (max)
Vis ≤ VDD, VDD − VSS = 18 V,
VCC ≤ VDD − VSS
18
±0.1
±0.1
±1
±1 ±10−5
±0.1
µA
Crosstalk (control input
to signal output)
VC = 10 V (square wave),
tr, tf = 20 ns, RL = 10 kΩ
10
50
mV
Turn-on and turn-off
VIN = VDD, tr, tf = 20 ns,
5
35
70
Turn-on and turn-off
propagation delay
VIN = VDD, tr, tf = 20 ns,
CL = 50 pF, RL = 1 kΩ
10
20
40
ns
propagation delay
CL = 50 pF, RL = 1 kΩ
15
15
30
ns
Vis = VDD, VSS = GND,
RL = 1 kΩ to GND, CL = 50 pF,
5
6
Maximum control input
repetition rate
RL = 1 kΩ to GND, CL = 50 pF,
VC = 10 V (square wave
centered on 5 V), tr, tf = 20 ns,
10
9
MHz
repetition rate
C
centered on 5 V), tr, tf = 20 ns,
Vos = 1/2 Vos at 1 kHz
15
9.5
CI
Input capacitance
5
7.5
pF
switching characteristics
VDD
SWITCH INPUT
SWITCH
OUTPUT, Vos
VDD
(V)
Vis
(V)
Iis (mA)
OUTPUT, Vos
(V)
(V)
Vis
(V)
−55
°C
−40
°C
25
°C
85
°C
125
°C
MIN
MAX
5
0
0.64
0.61
0.51
0.42
0.36
0.4
5
5
−0.64
−0.61
−0.51
−0.42
−0.36
4.6
10
0
1.6
1.5
1.3
1.1
0.9
0.5
10
10
−1.6
−1.5
−1.3
−1.1
−0.9
9.5
15
0
4.2
4
3.4
2.8
2.4
1.5
15
15
−4.2
−4
−3.4
−2.8
−2.4
13.5


Podobny numer części - CD4066BMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4066BMT TI-CD4066BMT Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BMT TI-CD4066BMT Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BMT TI1-CD4066BMT Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BMT TI1-CD4066BMT Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BMT TI1-CD4066BMT Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
More results

Podobny opis - CD4066BMT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com