Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4021BMTG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części CD4021BMTG4
Szczegółowy opis  CMOS 8-Stage Statice Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4021BMTG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CD4021BMTG4 Datasheet HTML 7Page - Texas Instruments CD4021BMTG4 Datasheet HTML 8Page - Texas Instruments CD4021BMTG4 Datasheet HTML 9Page - Texas Instruments CD4021BMTG4 Datasheet HTML 10Page - Texas Instruments CD4021BMTG4 Datasheet HTML 11Page - Texas Instruments CD4021BMTG4 Datasheet HTML 12Page - Texas Instruments CD4021BMTG4 Datasheet HTML 13Page - Texas Instruments CD4021BMTG4 Datasheet HTML 14Page - Texas Instruments CD4021BMTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Podobny numer części - CD4021BMTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4021BMTG4 TI1-CD4021BMTG4 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
More results

Podobny opis - CD4021BMTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
   8-STAGE STATIC SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com