Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E050E Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części E050E
Szczegółowy opis  The SBE - Encapsulated, Copper Wound Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

E050E Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  E050E Datasheet HTML 1Page - List of Unclassifed Manufacturers E050E Datasheet HTML 2Page - List of Unclassifed Manufacturers E050E Datasheet HTML 3Page - List of Unclassifed Manufacturers E050E Datasheet HTML 4Page - List of Unclassifed Manufacturers E050E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
176
SBE Encapsulated Series Selection Tables
Group 1 – 120 x 240 Volt Primary, 24 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2 - in (mm)
Mtg Depth
D1 / D2 - in (mm)
Slot Size
S1 / S2 - in (mm)
Approx. Ship
Weight lbs (kg)
50
E050E
2.72 (69.1) 3.01 (76.5) 3.99 (101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33 /.20 x .33
(5.1 x 8.4 / 5.1 x 8.4)
3.0 (1.36)
75
E075E
2.96 (75.2) 3.39 (86.1) 4.36 (110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 /.20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
4.0 (1.82)
100 E100E
2.96 (75.2) 3.39 (86.1) 4.61 (117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
.20 x .50 /.20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
5.0 (2.27)
150 E150E
3.89 (98.8) 4.50 (114.3) 4.48 (113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 72.9)
.20 x .65 /.20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
8.0 (3.64)
200 E200E
3.89 (98.8) 4.50 (114.3) 4.79 (121.7)
3.74 / 3.12
(95.0 / 79.3)
2.87 / 3.18
(72.9 / 80.8)
.20 x .65 /.20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
10.0 (4.55)
250 E250E
3.89 (98.8) 4.50 (114.3) 5.21 (132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
20 x .65 /.20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
11.0 (5.00)
300 E300E
4.53 (115.1) 5.25 (133.4) 4.66 (118.4)
4.38 / 3.75
(111.3 / 95.3)
3.10 / N/A
(78.7 / N/A)
.31 x .71 /.31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
12.0 (5.45)
350 E350E
4.53 (115.1) 5.25 (133.4) 5.07 (128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .71 /.31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
15.0 (6.82)
500 E500E
4.53 (115.1) 5.25 (133.4) 5.75 (146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .85 /.31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
19.0 (8.64)
750 E750E
5.56 (141.2) 6.38 (162.1) 6.93 (176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .85 /.31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
31.0 (14.09)
Note: Includes FB2X Secondary fuse holder.
Group 1A – Factory Installed Primary Fuse Holder Class "CC" and:
W - Secondary Fuse Holder (Midget Cartridge, 13/32” x 1½” fuse) supplied, no covers
WA - Secondary Fuse Holder (Glass or Ceramic - Type 3AG, ¼” x 1¼” fuse type); WB - Secondary Fuse Holder (Midget Cartridge, 13/32” x 1½” fuse)
VA
Primary Fuse Holder Class "CC"
Dimensions
W Option -
Midget Type
Catalog Number
WA Option -
Type 3AG w/
Covers
Catalog Number
WB Option -
Midget Type w/
Covers
Catalog Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
S1 / S2
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050EW
E050EWA
E050EWB
4.18 (106.2) 3.01 (76.5) 3.99 (101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33 / .20 x .33
(5.1 x 8.4 / 5.1 x 8.4)
3.0 (1.36)
75
E075EW
E075EWA
E075EWB
4.41 (112.0) 3.39 (86.1) 4.36 (110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 / .20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
4.0 (1.82)
100
E100EW
E100EWA
E100EWB
4.41 (112.0) 3.39 (86.1) 4.61 (117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
20 x .50 / .20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
5.0 (2.27)
150
E150EW
E150EWA
E150EWB
5.36 (136.1) 4.50 (114.3) 4.48 (113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 72.9)
.20 x .65 / .20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
8.0 (3.64)
200
E200EW
E200EWA
E200EWB
5.36 (136.1) 4.50 (114.3) 4.79 (121.7)
3.74 / 3.12
(95.0 / 79.3)
2.87 / 3.18
(72.9 / 80.8)
.20 x .65 / .20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
10.0 (4.55)
250
E250EW
E250EWA
E250EWB
5.36 (136.1) 4.50 (114.3) 5.21 (132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65 / .20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
11.0 (5.00)
300
E300EW
E300EWA
E300EWB
5.99 (152.1) 5.25 (133.4) 4.66 (118.4)
4.38 / 3.75
(111.3 / 95.3)
3.10 / N/A
(78.7 / N/A)
.31 x .71 / .31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
12.0 (5.45)
350
E350EW
E350EWA
E350EWB
5.99 (152.1) 5.25 (133.4) 5.07 (128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .71 / .31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
15.0 (6.82)
500
E500EW
NA
E500EWB
5.99 (152.1) 5.25 (133.4) 5.75 (146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .85 / .31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
19.0 (8.64)
750
E750EW
NA
E750EWB
7.01 (178.1) 6.38 (162.1) 6.93 (176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .85 / .31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
31.0 (14.09)
Notes: WA and WB suffix include finger safe covers. Fuses not included. FB2 sold separately for W option. Secondary fusing assembly required.


Podobny numer części - E050E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
E050 ETC2-E050 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
MORNSUN Science& Techno...
E0503S-1WR2 MORNSUN-E0503S-1WR2 Datasheet
603Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
E0503S-2WR2 MORNSUN-E0503S-2WR2 Datasheet
319Kb / 5P
   DC/DC Converter
E0503S-2WR2 MORNSUN-E0503S-2WR2_15 Datasheet
319Kb / 5P
   DC/DC Converter
More results

Podobny opis - E050E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
2322676 PHOENIX-2322676 Datasheet
72Kb / 5P
   Encapsulated socket strips on the module side
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
   Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
   Encapsulated
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
   Encapsulated
logo
Banner Engineering Corp...
WLA BANNER-WLA Datasheet
383Kb / 4P
   WLA Series Encapsulated Work Light
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com