Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA01COM-F18-1PW-B-01 Arkusz danych(PDF) 3 Page - ITT Industries

Numer części CA01COM-F18-1PW-B-01
Szczegółowy opis  Industrial Connectors CA-COM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CA01COM-F18-1PW-B-01 Arkusz danych(HTML) 3 Page - ITT Industries

  CA01COM-F18-1PW-B-01 Datasheet HTML 1Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 2Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 3Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 4Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 5Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 6Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 7Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 8Page - ITT Industries CA01COM-F18-1PW-B-01 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
CA-COM
Electrical data
Rated current
20
°C ambient temperature
Contact size
Rated current
AWG / metric
A max1)
15S
22
15
22
25
41
100
74
1) This applies only to the max. rated current for one
contact. If several contacts in one contact arrangement
are loaded with higher current the specific heat and
the ambient temperature may not exceed +125
°C.
Rated current vs. ambient temperature
Contact resistance (Millivolt test)
Contact size
Contact resistance
metric
m
Ω max
15S
6
15
6
25
3
100
1
Insulation resistance > 1000 M
Air and creepage paths mm (min)
Voltage class
Instr.
A
D
Air path mm
0,7
1,1
2,8
Creepage path mm
0,7
1,1
2,8
Operating Voltage and connector usage
When the connectors in this catalogue are
used for voltages greater than 50 Volts and
have touchable conductive shell parts they
must be used in accordance with the safety
regulations DIN VDE Part 410; IEC 60364-
4-41. This regulation basically dictates that
the power source should be turned off
before any mating and unmating of the
connector, this regulation does not provide
for protection against electrical shock
when mating and unmating the connec-
tors in the live condition.
Mechanical data
Max operating temperature
acc. to DIN IEC 68, part 1
–55/125
°C
Mating cycles
min 500
Min separating force per contact
Contact size
Separating force
metric
N
15S
1,0
15
1,0
25
1,5
100
3,0
Contact retention
Test force to be applied in mating direction
Contact size
Test force
metric
N
15S
35
15
35
25
55
100
80
Coupling torque
The allowable coupling torque has to be
tested under harnessed conditions
Shell
Allowable coupling torque
size
Closing and opening
Opening
(N max)
(N min)
CA-COM
CA-COM-B CA-COM,
CA-COM-B
10SL
3,0
2,6
0,15
12S
2,8
2,8
0,23
14S
5,9
3,0
0,35
16S/16
7,0
3,5
0,46
18
8,0
4,0
0,58
20
9,0
4,5
0,7
22
10,6
5,0
0,8
24
12,9
6,0
0,8
28
16,7
7,0
0,92
32
18,1
8,5
1,02
36
23,9
10,0
1,05
Materials
Shell
Aluminum alloy, Zinc dicast
nickel plated
Contacts
Copper alloy, silver plated
Insulator
Polychloroprene
#1171_CA-COM_englisch_250900
18.10.2000, 8:20 Uhr
3


Podobny numer części - CA01COM-F18-1PW-B-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
CA01COM-F18-1PW-B-01 ITT-CA01COM-F18-1PW-B-01 Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
More results

Podobny opis - CA01COM-F18-1PW-B-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
CA02COME14S-5PB ITT-CA02COME14S-5PB Datasheet
1Mb / 42P
   Industrial Connectors CA-COM
logo
Advantech Co., Ltd.
ADAM-4500 ADVANTECH-ADAM-4500 Datasheet
388Kb / 1P
   PC-based Com mu ni ca tion Controller
logo
Littelfuse
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
logo
ITT Industries
CA06COM-E18-1PWXX ITT-CA06COM-E18-1PWXX Datasheet
1Mb / 42P
   Industrial Connectors
logo
AAEON Technology
BOXER-6638U-A2M-1010 AAEON-BOXER-6638U-A2M-1010 Datasheet
293Kb / 2P
   Good for Industrial Use with 4 COM Ports
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
   Industrial Circular Connectors
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
ITT Industries
012-8554-000 ITT-012-8554-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com