Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC54-16PA Arkusz danych(PDF) 9 Page - EPCOS

Numer części BC54-16PA
Szczegółowy opis  45 V, 1 A NPN medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPCOS [EPCOS]
Strona internetowa  http://www.epcos.com
Logo EPCOS - EPCOS

BC54-16PA Arkusz danych(HTML) 9 Page - EPCOS

Back Button BC54-16PA Datasheet HTML 5Page - EPCOS BC54-16PA Datasheet HTML 6Page - EPCOS BC54-16PA Datasheet HTML 7Page - EPCOS BC54-16PA Datasheet HTML 8Page - EPCOS BC54-16PA Datasheet HTML 9Page - EPCOS BC54-16PA Datasheet HTML 10Page - EPCOS BC54-16PA Datasheet HTML 11Page - EPCOS BC54-16PA Datasheet HTML 12Page - EPCOS BC54-16PA Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
17
04/00
The following standards and regulations form the framework of the conformity tests:
1) Is governed by the safety and quality standards of the product families.
EMC standards
Germany
Europe
International
Generic standards
define the EMC environment in which a device is to operate according to its intended use
Emission
residential
industrial
DIN EN 50081-1
DIN EN 50081-2
EN 50081-1
EN 50081-2
Susceptibility
residential
industrial
DIN EN 50082-1
DIN EN 50082-2
EN 50082-1
EN 50082-2
Basic standards
describe physical phenomena and measurement procedures
Basics
DIN VDE 0843
EN 61000
IEC 61000
Measuring equipment
DIN VDE 0876
CISPR 16-1
Measuring
emission
methods
susceptibility
DIN VDE 0877
EN 61000-4-1
CISPR 16-2
IEC 61000-4-1
Harmonics
DIN VDE 0838
EN 60555-2
IEC 61000-3-2
Interference factors
e.g.
ESD
EM fields
Burst
Surge
Injection
DIN VDE 0843-2
DIN VDE 0843-3
DIN VDE 0843-4
DIN VDE 0843-5
DIN VDE 0843-6
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
Product standards
define limit values for emission and susceptibility
ISM equipment emission
susceptibility
DIN VDE 0875 T11
1)
EN 55011
1)
CISPR 11
1)
Household
emission
appliances
susceptibility
DIN VDE 0875 T14-1
DIN VDE 0875 T14-2
EN 55014-1
EN 55014-2
CISPR 14-1
CISPR 14-2
Lighting
emission
susceptibility
DIN VDE 0875 T15-1
DIN VDE 0875 T15-2
EN 55015-1
EN 55015-2
CISPR 15
IEC 3439
Radio and
emission
TV equipment
susceptibility
DIN VDE 0872 T13
DIN VDE 0872 T20
EN 55013
EN 55020
CISPR 13
CISPR 20
High-voltage
systems
emission
DIN VDE 0873
EN 55018
CISPR 18
ITE equipment
emission
susceptibility
DIN VDE 0878
DIN VDE 0878
EN 55022
EN 55022
CISPR 22
CISPR 22
Vehicles
emission
susceptibility
DIN VDE 0879
DIN VDE 0839
EN 72245
CISPR 25
ISO 11451/ S2
General Technical Information


Podobny numer części - BC54-16PA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
BC54-16PA NEXPERIA-BC54-16PA Datasheet
252Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BC54-16PA-Q NEXPERIA-BC54-16PA-Q Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results

Podobny opis - BC54-16PA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com