Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT2222AT1 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części PZT2222AT1
Szczegółowy opis  SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT2222AT1 Arkusz danych(HTML) 4 Page - Motorola, Inc

  PZT2222AT1 Datasheet HTML 1Page - Motorola, Inc PZT2222AT1 Datasheet HTML 2Page - Motorola, Inc PZT2222AT1 Datasheet HTML 3Page - Motorola, Inc PZT2222AT1 Datasheet HTML 4Page - Motorola, Inc PZT2222AT1 Datasheet HTML 5Page - Motorola, Inc PZT2222AT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PZT2222AT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT-223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT-223
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
0.091
2.3
mm
inches
SOT-223 POWER DISSIPATION
The power dissipation of the SOT-223 is a function of the
pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max), the maximum rated junction temperature of the
die, R
θJA, the thermal resistance from the device junction to
ambient, and the operating temperature, TA. Using the
values provided on the data sheet for the SOT-223 package,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 1.5 watts.
PD =
150
°C – 25°C
= 1.5 watts
83.3
°C/W
The 83.3
°C/W for the SOT-223 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 1.5 watts. There are
other alternatives to achieving higher power dissipation from
the SOT-223 package. One is to increase the area of the
collector pad. By increasing the area of the collector pad, the
power dissipation can be increased. Although the power
dissipation can almost be doubled with this method, area is
taken up on the printed circuit board which can defeat the
purpose of using surface mount technology. A graph of R
θJA
versus collector pad area is shown in Figure 3.
0.8 Watts
1.25 Watts*
1.5 Watts
°
A, Area (square inches)
0.0
0.2
0.4
0.6
0.8
1.0
160
140
120
100
80
Figure 3. Thermal Resistance versus Collector
Pad Area for the SOT-223 Package (Typical)
Board Material = 0.0625
G-10/FR-4, 2 oz Copper
TA = 25°C
*Mounted on the DPAK footprint
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Podobny numer części - PZT2222AT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
PZT2222AT1 ONSEMI-PZT2222AT1 Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1/D ONSEMI-PZT2222AT1/D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1D ONSEMI-PZT2222AT1D Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
136Kb / 6P
   NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

Podobny opis - PZT2222AT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Shenzhen Luguang Electr...
MMBT3904N3 LUGUANG-MMBT3904N3 Datasheet
1Mb / 3P
   SOT-883 General Purpose Transistor NPN Silicon Surface Mount Plastic Package
Revision:20220701-P1
logo
Diodes Incorporated
FZT1053ATA DIODES-FZT1053ATA Datasheet
209Kb / 5P
   75V NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT-223
FZT1049A DIODES-FZT1049A_15 Datasheet
208Kb / 3P
   SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com