Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3420 Arkusz danych(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Numer części TS3420
Szczegółowy opis  2A, 1.25MHz Synchronous Buck Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3420 Arkusz danych(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS3420 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS3420
2A, 1.25MHz Synchronous Buck Converter
7/9
Version: A12
Electrical Characteristics Curve
Figure 13. VIN = 3.3V, VOUT = 1.2V, IOUT=0~2A
Figure 14. VIN = 5V, VOUT = 1.2V, IOUT=0~2A


Podobny numer części - TS3420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
   2A, 1.25MHz Synchronous Buck Converter
More results

Podobny opis - TS3420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
   2A, 1.25MHz Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
   EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
   3A, 1.25MHz High Performance Synchronous Buck Converter
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
   3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
   3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
logo
Diodes Incorporated
LSP5527 DIODES-LSP5527 Datasheet
815Kb / 17P
   2A 27V Synchronous Buck Converter
Rev. 8 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com