Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT2907A Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części PZT2907A
Szczegółowy opis  SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZT2907A Arkusz danych(HTML) 1 Page - Motorola, Inc

  PZT2907A Datasheet HTML 1Page - Motorola, Inc PZT2907A Datasheet HTML 2Page - Motorola, Inc PZT2907A Datasheet HTML 3Page - Motorola, Inc PZT2907A Datasheet HTML 4Page - Motorola, Inc PZT2907A Datasheet HTML 5Page - Motorola, Inc PZT2907A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP Silicon
Epitaxial Transistor
This PNP Silicon Epitaxial transistor is designed for use in linear and
switching applications. The device is housed in the SOT-223 package which is
designed for medium power surface mount applications.
• NPN Complement is PZT2222AT1
• The SOT-223 package can be soldered using wave or reflow
• SOT-223 package ensures level mounting, resulting in improved thermal
conduction, and allows visual inspection of soldered joints. The formed
leads absorb thermal stress during soldering eliminating the possibility of
damage to the die.
• Available in 12 mm tape and reel
Use PZT2907AT1 to order the 7 inch/1000 unit reel.
Use PZT2907AT3 to order the 13 inch/4000 unit reel.
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
– 60
Vdc
Collector-Base Voltage
VCBO
– 60
Vdc
Emitter-Base Voltage
VEBO
– 5.0
Vdc
Collector Current
IC
– 600
mAdc
Total Power Dissipation @ TA = 25°C(1)
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 65 to 150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction-to-Ambient (surface mounted)
R
θJA
83.3
°C/W
Lead Temperature for Soldering, 0.0625
″ from case
Time in Solder Bath
TL
260
10
°C
Sec
DEVICE MARKING
P2F
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = –10 µAdc, IE = 0)
V(BR)CBO
– 60
°°
Vdc
Collector-Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0)
V(BR)CEO
– 60
Vdc
Emitter-Base Breakdown Voltage (IE = –10 µAdc, IC = 0)
V(BR)EBO
– 5.0
°°
Vdc
Collector-Base Cutoff Current (VCB = – 50 Vdc, IE = 0)
ICBO
°°
–10
nAdc
Collector-Emitter Cutoff Current (VCE = – 30 Vdc, VBE = 0.5 Vdc)
ICEX
– 50
nAdc
Base-Emitter Cutoff Current (VCE = – 30 Vdc, VBE = – 0.5 Vdc)
IBEX
– 50
nAdc
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in. x 0.059 in.; mounting pad for the collector lead min. 0.93 sq. in.
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by PZT2907AT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
PZT2907AT1
SOT-223 PACKAGE
PNP SILICON
TRANSISTOR
SURFACE MOUNT
Motorola Preferred Device
CASE 318E-04, STYLE 1
TO-261AA
1
2
3
4
COLLECTOR
2,4
BASE 1
3
EMITTER
REV 4


Podobny numer części - PZT2907A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 14
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
logo
Siemens Semiconductor G...
PZT2907A SIEMENS-PZT2907A Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
More results

Podobny opis - PZT2907A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Nanjing International G...
BCP51 DGNJDZ-BCP51 Datasheet
747Kb / 2P
   SOT-223 Package Outline Dimensions
logo
Shanghai Leiditech Elec...
LM857N5 LEIDITECH-LM857N5 Datasheet
700Kb / 3P
   General Purpose Transistor PNP Silicon Surface Mount Plastic Package
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com