Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA8N90C-F109 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FQA8N90C-F109
Szczegółowy opis  N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA8N90C-F109 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FQA8N90C-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA8N90C-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA8N90C-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA8N90C-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA8N90C-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA8N90C-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA8N90C-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA8N90C-F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
©2007 Fairchild Semiconductor Corporation
FQA8N90C_F109 Rev C1
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
T
J, Junction Temperature [
oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
V
DS, Drain-Source Voltage [V]
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS =0V
2. I
D =250µA
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes:
1. V
GS = 10 V
2. I
D = 4.0 A
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 µs
DC
10 ms
1 ms
100 µs
OperationinThisArea
isLimitedbyR
DS(on)
Notes:
1. T
C = 25
oC
2. T
J = 150
oC
3. SinglePulse
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [℃]
10
5
-
10
4
-
10
3
-
10
-2
10
1
-
10
0
10
1
10
2
-
10
-1
10
0
N o te s :
1 . Z
(t) = 0 .5 2 ℃ /W M a x.
2 . D
θuJCty Factor, D =t
1/t2
3 . T
JM - T C =
*
P
DM
Z
θ JC (t)
s in g le p u ls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.0 1
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2


Podobny numer części - FQA8N90C-F109

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA8N90C FAIRCHILD-FQA8N90C Datasheet
691Kb / 8P
   900V N-Channel MOSFET
FQA8N90C FAIRCHILD-FQA8N90C Datasheet
800Kb / 9P
   900V N-Channel MOSFET
FQA8N90C FAIRCHILD-FQA8N90C Datasheet
807Kb / 8P
   900V N-Channel MOSFET
FQA8N90C FAIRCHILD-FQA8N90C_06 Datasheet
800Kb / 9P
   900V N-Channel MOSFET
FQA8N90C FAIRCHILD-FQA8N90C_07 Datasheet
807Kb / 8P
   900V N-Channel MOSFET
More results

Podobny opis - FQA8N90C-F109

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQD2N90TF FAIRCHILD-FQD2N90TF Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com