Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZTA42T1 Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części PZTA42T1
Szczegółowy opis  HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PZTA42T1 Arkusz danych(HTML) 3 Page - Motorola, Inc

  PZTA42T1 Datasheet HTML 1Page - Motorola, Inc PZTA42T1 Datasheet HTML 2Page - Motorola, Inc PZTA42T1 Datasheet HTML 3Page - Motorola, Inc PZTA42T1 Datasheet HTML 4Page - Motorola, Inc PZTA42T1 Datasheet HTML 5Page - Motorola, Inc PZTA42T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PZTA42T1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT-223 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT-223
0.079
2.0
0.15
3.8
0.248
6.3
0.079
2.0
0.059
1.5
0.059
1.5
0.059
1.5
0.091
2.3
0.091
2.3
mm
inches
SOT-223 POWER DISSIPATION
The power dissipation of the SOT-223 is a function of the
pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max), the maximum rated junction temperature of the
die, R
θJA, the thermal resistance from the device junction to
ambient, and the operating temperature, TA. Using the
values provided on the data sheet for the SOT-223 package,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 1.5 watts.
PD =
150
°C – 25°C
= 1.5 watts
83.3
°C/W
The 83.3
°C/W for the SOT-223 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 1.5 watts. There are
other alternatives to achieving higher power dissipation from
the SOT-223 package. One is to increase the area of the
collector pad. By increasing the area of the collector pad, the
power dissipation can be increased. Although the power
dissipation can almost be doubled with this method, area is
taken up on the printed circuit board which can defeat the
purpose of using surface mount technology. A graph of R
θJA
versus collector pad area is shown in Figure 1.
0.8 Watts
1.25 Watts*
1.5 Watts
°
A, Area (square inches)
0.0
0.2
0.4
0.6
0.8
1.0
160
140
120
100
80
Figure 1. Thermal Resistance versus Collector
Pad Area for the SOT-223 Package (Typical)
Board Material = 0.0625
G-10/FR-4, 2 oz Copper
TA = 25°C
*Mounted on the DPAK footprint
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Podobny numer części - PZTA42T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
PZTA42T1 ONSEMI-PZTA42T1 Datasheet
107Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
108Kb / 4P
   High Voltage Transistor Surface Mount
November, 2011 ??Rev. 9
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
PZTA42T1G ONSEMI-PZTA42T1G_16 Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
More results

Podobny opis - PZTA42T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
PZTA42T1G ONSEMI-PZTA42T1G_16 Datasheet
72Kb / 4P
   High Voltage Transistor Surface Mount
March, 2016 ??Rev. 11
PZTA42T1G ONSEMI-PZTA42T1G Datasheet
108Kb / 4P
   High Voltage Transistor Surface Mount
November, 2011 ??Rev. 9
logo
Weitron Technology
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD340 DIODES-MJD340_15 Datasheet
108Kb / 4P
   HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD340 DIODES-MJD340 Datasheet
108Kb / 4P
   HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94_06 Datasheet
651Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Diodes Incorporated
MJD350 DIODES-MJD350_15 Datasheet
106Kb / 4P
   HIGH VOLTAGE PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
MMBTA92 WEITRON-MMBTA92 Datasheet
247Kb / 4P
   High-Voltage PNP Transistor Surface Mount
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com