Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1845 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD1845
Szczegółowy opis  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1845 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD1845 Datasheet HTML 4Page - Analog Devices AD1845 Datasheet HTML 5Page - Analog Devices AD1845 Datasheet HTML 6Page - Analog Devices AD1845 Datasheet HTML 7Page - Analog Devices AD1845 Datasheet HTML 8Page - Analog Devices AD1845 Datasheet HTML 9Page - Analog Devices AD1845 Datasheet HTML 10Page - Analog Devices AD1845 Datasheet HTML 11Page - Analog Devices AD1845 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD1845
–8–
REV. C
Analog Signals
Pin Name
PLCC
TQFP
I/O
Description
L_LINE
30
31
I
Left Line Input.
R_LINE
27
28
I
Right Line Input.
L_MIC
29
30
I
Left Microphone Input. This signal can be either line level or –20 dB from line level
(using the on-chip 20 dB gain block).
R_MIC
28
29
I
Right Microphone Input. This signal can be either line level or –20 dB from line level
(using the on-chip 20 dB gain block).
L_AUX1
39
45
I
Left Auxiliary #1 Line Input.
R_AUX1
42
48
I
Right Auxiliary #1 Line Input.
L_AUX2
38
44
I
Left Auxiliary #2 Line Input.
R_AUX2
43
49
I
Right Auxiliary #2 Line Input.
L_OUT
40
46
O
Left Line Output.
R_OUT
41
47
O
Right Line Output.
M_IN
46
56
I
Mono Input.
M_OUT
47
57
O
Mono Output.
Miscellaneous
Pin Name
PLCC
TQFP
I/O
Description
XTAL1I
17
12
I
24.576 MHz Crystal #1 Input.
XTAL1O
18
13
O
24.576 MHz Crystal #1 Output.
XTAL2I
21
16
Not used on the AD1845.
XTAL2O
22
17
Not used on the AD1845.
PWRDWN
23
18
I
Power Down Signal. Active LO places the AD1845 in its lowest power consumption
mode. All sections of the AD1845, including the digital interface, are shut down and
consume minimal power.
INT
57
72
O
Host Interrupt Pin. A host interrupt is generated to notify the host that a specified
event has occurred.
XCTL1:0
58 & 56 73 & 71
O
External Control. These signals reflect the current status of register bits inside the
AD1845. They can be used for signaling or to control external logic.
RESET
24
19
I
Reset. Active LO resets all digital registers and filters, and resets all analog filters. Active
LO places the AD1845 in the lowest power consumption mode. XTAL1 is required to be
running during the minimum low pulsewidth of the reset signal.
VREF
32
35
O
Voltage Reference. Nominal 2.25 volt reference available for dc-coupling and level-
shifting. VREF should not be used to sink or source current.
VREF_F
33
38
I
Voltage Reference Filter. Voltage reference filter point for external bypassing only.
L_FILT
31
33
I
Left Channel Filter. This pin requires a 1.0
µF capacitor to analog ground for proper
operation.
R_FILT
26
25
I
Right Channel Filter. This pin requires a 1.0
µF capacitor to analog ground for proper
operation.
NC
48–52,
2–5, 21–24
No Connect.
55
26, 27, 32, 34,
36, 37, 39,
50–53, 58–66,
69, 70, 80–83,
94–97


Podobny numer części - AD1845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JP AD-AD1845JP Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JP-REEL AD-AD1845JP-REEL Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JST AD-AD1845JST Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results

Podobny opis - AD1845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com