Zakładka z wyszukiwarką danych komponentów |
|
AD7228UQ Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD7228UQ Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 8 page AD7228A REV. A –6– Table II. Unipolar Code Table DAC Latch Contents MSB LSB Analog Output 1 1 1 1 1 1 1 1 +V REF 255 256 1 0 0 0 0 0 0 1 +V REF 129 256 1 0 0 0 0 0 0 0 +V REF 128 256 =+ V REF 2 0 1 1 1 1 1 1 1 +V REF 127 256 0 0 0 0 0 0 0 1 +V REF 1 256 0 0 0 0 0 0 0 0 0 V Note: 1 LSB = (VREF)(2 –8) = V REF 1 256 BIPOLAR OUTPUT OPERATION Each of the DACs on the AD7228A can be individually config- ured for bipolar output operation. This is possible using one ex- ternal amplifier and two resistors per channel. Figure 8 shows a circuit used to implement offset binary coding (bipolar opera- tion) with DAC1 of the AD7228A. In this case V OUT = 1 + R2 R1 • D 1 • V REF () – R2 R1 • V REF () With R1 = R2 VOUT = (2D1 – 1) • (VREF) where D1 is a fractional representation of the digital word in latch 1 of the AD7228A. (0 ≤ D 1 ≤ 255/256) Figure 8. Bipolar Output Circuit Table III. Bipolar Code Table DAC Latch Contents MSB LSB Analog Output 1 1 1 1 1 1 1 1 +V REF 127 128 1 0 0 0 0 0 0 1 +V REF 1 128 1 0 0 0 0 0 0 0 0 V 0 1 1 1 1 1 1 1 –V REF 1 128 0 0 0 0 0 0 0 1 –V REF 127 128 0 0 0 0 0 0 0 0 –V REF 128 128 = –V REF Mismatch between R1 and R2 causes gain and offset errors, and therefore, these resistors must match and track over temperature. Once again, the AD7228A can be operated from single supply or from dual supplies. Table III shows the digital code versus output voltage relationship for the circuit of Figure 8 with R1 = R2. AC REFERENCE SIGNAL In some applications it may be desirable to have an ac signal ap- plied as the reference input to the AD7228A. The AD7228A has multiplying capability within the upper (+10 V) and lower (+2 V) limits of reference voltage when operated with dual sup- plies. Therefore, ac signals need to be ac coupled and biased up before being applied to the reference input. Figure 9 shows a sine-wave signal applied to the reference input of the AD7228A. For input frequencies up to 50 kHz, the output distortion typi- cally remains less than 0.1%. The typical 3 dB bandwidth for small signal inputs is 800 kHz. Figure 9. Applying a AC Signal to the AD7228A TIMING DESKEW A common problem in ATE applications is the slowing or “rounding-off” of signal edges by the time they reach the pin-driver circuitry. This problem can easily be overcome by “squaring-up” the edge at the pin-driver. However, since each edge will not have been “rounded-off” by the same extent, this “squaring-up” could lead to incorrect timing relationship be- tween signals. This effect is shown in Figure 10a. Figure 10a. Time Skewing Due to Slowing of Edges The circuit of Figure 10b shows how two DACs of the AD7228A can help in overcoming this problem. The same two signals are applied to this circuit as were applied in Figure 10b. The output of each DAC is applied to one input of a high-speed comparator, and the signals are applied to the other inputs. Varying the output voltage of the DAC effectively varies the trigger point at which the comparator flips. Thus the timing re- lationship between the two signals can be programmably cor- rected (or deskewed) by varying the code to the DAC of the AD7228A. In a typical application, the code is loaded to the |
Podobny numer części - AD7228UQ |
|
Podobny opis - AD7228UQ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |