Zakładka z wyszukiwarką danych komponentów |
|
AD7228UQ Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD7228UQ Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 8 page SWITCHING CHARACTERISTICS 1, 2 Limit at 25 °C Limit at TMIN, TMAX Limit at TMIN, TMAX Parameters All Grades (B, C Versions) (T, U Versions) Units Conditions/Comments t1 0 0 0 ns min Address to WR Setup Time t2 0 0 0 ns min Address to WR Hold Time t3 70 90 100 ns min Data Valid to WR Setup Time t4 10 10 10 ns min Data Valid to WR Hold Time t5 95 120 150 ns min Write Pulse Width NOTES 1Sample tested at 25 °C to ensure compliance. All input rise and fall times measured from 10% to 90% of +5 V, t R = tF = 5 ns. 2Timing measurement reference level is V INH + V INL 2 INTERFACE LOGIC INFORMATION Address lines A0, A1 and A2 select which DAC accepts data from the input port. Table I shows the selection table for the eight DACs with Figure 1 showing the input control logic. When the WR signal is low, the input latch of the selected DAC is transparent, and its output responds to activity on the data bus. The data is latched into the addressed DAC latch on the rising edge of WR. While WR is high, the analog outputs remain at the value corresponding to the data held in their respective latches. Table I. AD7228A Truth Table AD7228A Control Inputs AD7228A WR A2 A1 A0 Operation H X X X No Operation Device Not Selected LLLL DAC 1 Transparent g L L L DAC 1 Latched LLLH DAC 2 Transparent L L H L DAC 3 Transparent L L H H DAC 4 Transparent L H L L DAC 5 Transparent L H L H DAC 6 Transparent L H H L DAC 7 Transparent L H H H DAC 8 Transparent H = High State L = Low State X = Don’t Care +5 V SUPPLY OPERATION BC T U Parameter Version Version Version Version Units Conditions/Comments STATIC PERFORMANCE Resolution 8888 Bits Relative Accuracy ± 2 ± 2 ± 2 ± 2 LSB max Differential Nonlinearity ± 1 ± 1 ± 1 ± 1 LSB max Guaranteed Monotonic Full-Scale Error ± 4 ± 2 ± 4 ± 2 LSB max Zero Code Error @ 25 °C ± 30 ± 20 ± 30 ± 20 mV max TMIN to TMAX ± 40 ± 30 ± 40 ± 30 mV max REFERENCE INPUT Reference Input Range 1.2 1.2 1.2 1.2 V min 1.3 1.3 1.3 1.3 V max Reference Input Resistance 2222k Ω min Reference Input Capacitance 500 500 500 500 pF max POWER REQUIREMENTS Positive Supply Range 4.75/5.25 4.75/5.25 4.75/5.25 4.75/5.25 V min/V max For Specified Performance Positive Supply Current @ 25 °C 16161616 µA max TMIN to TMAX 20 20 22 22 µA max Negative Supply Current @ 25 °C 14141414 µA max TMIN to TMAX 18 18 20 20 µA max NOTES All of the specifications as per Dual Supply Specifications except for negative full-scale settling-time when VSS = 0 V. Specifications subject to change without notice. (VDD = +5 V 5%, VSS; = 0 to –5 V 10%, GND = 0 V, VREF = +1.25 V, RL = 2 k , CL = 100 pF unless otherwise noted.) AII specifications TMIN to TMAX unless otherwise noted. (See Figures 1, 2; VDD = +5 V 5% or +10.8 V to +16.5 V; VSS = 0 V or –5 V 10%) Figure 1. Input Control Logic Figure 2. Write Cycle Timing Diagram AD7228A REV. A –3– |
Podobny numer części - AD7228UQ |
|
Podobny opis - AD7228UQ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |