Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7228A Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7228A
Szczegółowy opis  LC2MOS Octal 8-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7228A Arkusz danych(HTML) 2 Page - Analog Devices

  AD7228A Datasheet HTML 1Page - Analog Devices AD7228A Datasheet HTML 2Page - Analog Devices AD7228A Datasheet HTML 3Page - Analog Devices AD7228A Datasheet HTML 4Page - Analog Devices AD7228A Datasheet HTML 5Page - Analog Devices AD7228A Datasheet HTML 6Page - Analog Devices AD7228A Datasheet HTML 7Page - Analog Devices AD7228A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
AD7228A–SPECIFICATIONS
(VDD = 10.8 V to 16.5 V; VSS = –5 V
10%; GND = 0 V; VREF = +2 V to +10 V
1; R
L = 2 k
Ω, C
L = 100 pF unless otherwise
noted.) All specifications TMIN to TMAX unless otherwise noted.
5Sample tested at 25
°C to ensure compliance.
6The glitch impulse transferred to the output of one converter (not addressed) due to a
change in the digital input code to another addressed converter.
Specifications subject to change without notice.
(VDD = +15 V
10%, VSS; = GND = 0 V; VREF = +10 V, RL = 2 k
Ω, C
L = 100 pF unless otherwise noted.)
AII specifications TMIN to TMAX unless otherwise noted.
DUAL SUPPLY
BC
T
U
Parameter
Version
2
Version
Version
Version
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
8
8
Bits
Total Unadjusted Error
3
± 2
± 1
± 2
± 1
LSB max
VDD = +15 V ± 10%, VREF = +10 V
Relative Accuracy
± 1
± 1/2
± 1
± 1/2
LSB max
Differential Nonlinearity
± 1
± 1
± 1
± 1
LSB max
Guaranteed Monotonic
Full-Scale Error
4
± 1
± 1/2
± 1
± 1/2
LSB max
Typical tempco is 5 ppm/
°C with V
REF = +10 V
Zero Code Error
@ 25
°C
± 25
± 15
± 25
± 15
mV max
Typical tempco is 30
µV/°C
TMIN to TMAX
± 30
± 20
± 30
± 20
mV max
Minimum Load Resistance
2
2
2
2
k
Ω min
VOUT = +10 V
REFERENCE INPUT
Voltage Range
1
2 to 10
2 to 10
2 to 10
2 to 10
V min/V max
Input Resistance
2
2
2
2
k
Ω min
Input Capacitance
5
500
500
500
500
pF max
Occurs when each DAC is loaded with all 1s.
AC Feedthrough
–70
–70
–70
–7 0
dB typ
VREF = 8 V p-p Sine Wave @ 10 kHz
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
0.8
V max
Input Leakage Current
± 1
± 1
± 1
± 1
µA max
VIN = 0 V or VDD
Input Capacitance
5
8
8
8
8
pF max
Input Coding
Binary
Binary
Binary
Binary
DYNAMIC PERFORMANCE
5
Voltage Output Slew Rate
2
2
2
2
V/
µs min
Voltage Output Settling Time
Positive Full-Scale Change
5
5
5
5
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Negative Full-Scale Change
5
5
5
5
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Digital Feedthrough
50
50
50
50
nV secs typ
Code transition all 0s to all 1s. VREF = 0 V; WR = VDD
Digital Crosstalk
6
50
50
50
50
nV secs typ
Code transition all 0s to all 1s. VREF = +10 V; WR = 0 V
POWER SUPPLIES
VDD Range
10.8/16.5
10.8/16.5
10.8/16.5
10.8/16.5
V min/V max
For Specified Performance
VSS Range
–4.5/–5.5
–4.5/–5.5
–4.5/–5.5
–4.5/–5.5
V min/V max
For Specified Performance
IDD
Outputs Unloaded; VIN = VINL or VINH
@ 25
°C
16
16
16
16
mA max
TMIN to TMAX
20
20
22
22
mA max
ISS
Outputs Unloaded; VIN = VINL or VINH
@ 25
°C
14
14
14
14
mA max
TMIN to TMAX
18
18
20
20
mA max
SINGLE SUPPLY
STATIC PERFORMANCE
Resolution
8
8
8
8
Bits
Total Unadjusted Error
3
± 2
± 1
± 2
± 1
LSB max
Differential Nonlinearity
± 1
± 1
± 1
± 1
LSB max
Guaranteed Monotonic
Minimum Load Resistance
2
2
2
2
k
Ω min
VOUT = +10 V
REFERENCE INPUT
Input Resistance
2
2
2
2
k
Ω min
Input Capacitance
5
500
500
500
500
pF max
Occurs when each DAC is loaded with all 1s.
DIGITAL INPUTS
As per Dual Supply Specifications
DYNAMIC PERFORMANCE
5
Voltage Output Slew Rate
2
2
2
2
V/
µs min
Voltage Output Settling Time
Positive Full-Scale Change
5
5
5
5
µs max
Settling Time to
±1/2 LSB
Negative Full-Scale Change
7
7
7
7
µs max
Settling Time to
±1/2 LSB
Digital Feedthrough
50
50
50
50
nV secs typ
Code transition all 0s to all 1s. VREF = 0 V; WR = VDD
Digital Crosstalk
6
50
50
50
50
nV secs typ
Code transition all 0s to all 1s. VREF = +10 V, WR = 0 V
POWER SUPPLIES
VDD Range
13.5/16.5
13.5/16.5
13.5/16.5
13.5/16.5
V min/V max
For Specified Performance
IDD
Outputs Unloaded; VIN = VINL or VINH
@ 25
°C
16
16
16
16
mA max
TMIN to TMAX
20
20
22
22
mA max
NOTES
1V
OUT must be less than VDD by 3.5 V to ensure correct operation.
2Temperature ranges are as follows:
B, C Versions; –40
°C to +85°C
T, U Versions; –55
°C to +125°C
3Total Unadjusted Error includes zero code error, relative accuracy and full-scale error.
4Calculated after zero code error has been adjusted out.


Podobny numer części - AD7228A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7228A AD-AD7228A Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228ABN AD-AD7228ABN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
More results

Podobny opis - AD7228A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com