Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7228ABN Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7228ABN
Szczegółowy opis  LC2MOS Octal 8-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7228ABN Arkusz danych(HTML) 7 Page - Analog Devices

  AD7228ABN Datasheet HTML 1Page - Analog Devices AD7228ABN Datasheet HTML 2Page - Analog Devices AD7228ABN Datasheet HTML 3Page - Analog Devices AD7228ABN Datasheet HTML 4Page - Analog Devices AD7228ABN Datasheet HTML 5Page - Analog Devices AD7228ABN Datasheet HTML 6Page - Analog Devices AD7228ABN Datasheet HTML 7Page - Analog Devices AD7228ABN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7228A
REV. A
–7–
DACs for correct timing relationships during the calibration
cycle of the instrument.
Figure 10b. AD7228A Timing Deskew Circuit
COARSE/FINE ADJUST
The DACs on the AD7228A can be paired together to form a
coarse/fine adjust function as indicated in Figure 11. The func-
tion is achieved using one external op amp and a few resistors
per pair of DACs.
DAC1 is the most significant or coarse DAC. Data is first
loaded to this DAC to coarsely set the output voltage. DAC2 is
then used to fine tune this output voltage. Varying the ratio of
R1 to R2 varies the relative effect of the coarse and fine DACs
on the output voltage. For the resistor values shown, DAC2 has
a resolution of 150
µV in a 10 V output range. Since each DAC
on the AD7228A is guaranteed monotonic, the coarse adjust-
ment and fine adjustment are each monotonic. One application
for this is as a set-point controller (see “Circuit Applications of
the AD7226 Quad CMOS DAC” available from Analog Devices,
Publication Number E873–15–11/84).
Figure 11. Coarse/Fine Adjust Circuit
SELF-PROGRAMMABLE REFERENCE
The circuit of Figure 12 shows how one DAC of the AD7228,
in this case DAC1, may be used in a feedback configuration to
provide a programmable reference for itself and the other seven
converters. The relationship of VREF to VIN is expressed by
V
REF =
1
+ G
()
1
+ G • D
1
()
•V
IN
where G = R2/R1
Figure 13 shows typical plots of VREF versus digital code, D1, for
three different values of G. With VIN = 2.5 V and G = 3 the
voltage at the output varies between 2.5 V and 10 V giving an
effective 10-bit dynamic range to the other seven converters. For
correct operation of the circuit, VSS should be –5 V and R1
greater than 6.8 k
Ω.
Figure 12. Self-Programmable Reference
Figure 13. Variation of VREF with Feedback Configuration
MICROPROCESSOR INTERFACING
Figure 14. AD7228A to 8085A/Z80 Interface
Figure 15. AD7228A to 6809/6502 Interface


Podobny numer części - AD7228ABN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7228ABN AD-AD7228ABN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7228ABN AD-AD7228ABN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228ABN AD-AD7228ABN Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228ABN AD-AD7228ABN Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228ABN AD-AD7228ABN Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results

Podobny opis - AD7228ABN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228 AD-AD7228 Datasheet
457Kb / 16P
   LC2MOS Octal 8-Bit DAC
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com