Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7243
Szczegółowy opis  LC2MOS 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7243 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7243 Datasheet HTML 1Page - Analog Devices AD7243 Datasheet HTML 2Page - Analog Devices AD7243 Datasheet HTML 3Page - Analog Devices AD7243 Datasheet HTML 4Page - Analog Devices AD7243 Datasheet HTML 5Page - Analog Devices AD7243 Datasheet HTML 6Page - Analog Devices AD7243 Datasheet HTML 7Page - Analog Devices AD7243 Datasheet HTML 8Page - Analog Devices AD7243 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
–5–
AD7243
TERMINOLOGY (Continued)
This “knee” is an offset effect, not a linearity error, and the
transfer function would have followed the dotted line if the out-
put voltage could have gone negative.
Normally, linearity is measured between zero (all 0s input code)
and full scale (all 1s input code) after offset and full scale have
been adjusted out or allowed for, but this is not possible in
single supply operation if the offset is negative, due to the knee
in the transfer function. Instead, linearity of the AD7243 in the
unipolar mode is measured between full scale and the lowest
code which is guaranteed to produce a positive output voltage.
This code is calculated from the maximum specification for
negative offset. For the A and B versions the linearity is mea-
sured between Codes 3 and 4095. For the S grade, linearity is
measured between Code 5 and Code 4095.
Differential Nonlinearity
Differential Nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB or less
over the operating temperature range ensures monotonicity.
Unipolar Offset Error
Unipolar Offset Error is the measured output voltage from
VOUT with all zeros loaded into the DAC latch when the DAC is
configured for unipolar output. It is due to a combination of the
offset errors in the DAC and output amplifier.
PIN CONFIGURATION
DIP and SOIC
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
REFIN
REFOUT
CLR
BIN/COMP
SCLK
SDIN
SYNC
DGND
AGND
SDO
DCEN
LDAC
VDD
VSS
VOUT
ROFS
AD7243
CIRCUIT INFORMATION
D/A Section
The AD7243 contains a 12-bit voltage mode D/A converter
consisting of highly stable thin film resistors and high speed
NMOS single-pole, double-throw switches. The output voltage
from the converter has the same polarity as the reference volt-
age, REFIN, allowing single supply operation.
SHOWN FOR ALL 1S
ON DAC
*BUFFERED REFIN VOLTAGE
2R
2R
R
R
R
R
R
2R
2R
2R
2R
2R
2R
DB0
DB1
DB9
DB10
DB11
REFIN*
AGND
R
OFS
VOUT
Figure 2. D/A Simplified Circuit Diagram
Internal Reference
The AD7243 has an on-chip temperature compensated buried
Zener reference which is factory trimmed to 5 V
± 50 mV. The
reference voltage is provided at the REFOUT pin. This refer-
ence can be used to provide the reference voltage for the D/A
converter (by connecting the REFOUT pin to the REFIN pin.)
The reference voltage can also be used as a reference for other
components and is capable of providing up to 500
µA to an ex-
ternal load. The maximum recommended capacitance on
REFOUT for normal operation is 50 pF. If the reference is re-
quired for external use with capacitive loads greater than 50 pF
then it should be decoupled to AGND with a 200
Ω resistor in
series with a parallel combination of a 10
µF tantalum capacitor
and a 0.1
µF ceramic capacitor.
200
10 F
0.1 F
REFOUT
EXT
LOAD
Figure 3. Reference Decoupling Scheme
External Reference
In some applications, the user may require a system reference or
some other external reference to drive the AD7243. References
such as the AD586 provide an ideal external reference source
(see Figure 10). The REFIN voltage is internally buffered by a
unity gain amplifier before being applied to the D/A converter.
The D/A converter is scaled for a 5 V reference and the device is
tested with 5 V applied to REFIN. Other reference voltages may
be used with degraded performance. Figure 4 shows the typical
degradation in linearity vs. REFIN.
REFIN – Volts
1.0
2
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
3
4567
8
9
VDD = +15V
VSS = –15V
TA = +25 C
INL
DNL
Figure 4. Typical Linearity vs. REFIN Voltage
Op Amp Section
The output of the voltage mode D/A converter is buffered by a
noninverting CMOS amplifier. The ROFS input allows three out-
put voltage ranges to be selected. The buffer amplifier is capable
of developing +10 V across a 2 k
Ω load to AGND.
The output amplifier can be operated from a single +12 V to
+15 V supply by tying VSS = 0 V.
The amplifier can also be operated from dual supplies to allow
an additional bipolar output range of –5 V to +5 V. Dual supplies are
necessary for the bipolar output range but can also be used for
the unipolar ranges to give faster settling time to voltages near


Podobny numer części - AD7243

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7243AN AD-AD7243AN Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243AN AD-AD7243AN Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
More results

Podobny opis - AD7243

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
   LC2MOS 12-Bit DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com